Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6431DECR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6431DECR
Description  TMP64 47-k廓 Linear Thermistor With 0402 Package Option
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6431DECR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP6431DECR Datasheet HTML 8Page - Texas Instruments TMP6431DECR Datasheet HTML 9Page - Texas Instruments TMP6431DECR Datasheet HTML 10Page - Texas Instruments TMP6431DECR Datasheet HTML 11Page - Texas Instruments TMP6431DECR Datasheet HTML 12Page - Texas Instruments TMP6431DECR Datasheet HTML 13Page - Texas Instruments TMP6431DECR Datasheet HTML 14Page - Texas Instruments TMP6431DECR Datasheet HTML 15Page - Texas Instruments TMP6431DECR Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Temperature (qC)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
D014
RBias
94 k
5 V
RTMP64
R2
200 k
VOut
R1
10 k
R3
200 k
VTemp
RFB
300 k
VRef
13
TMP64
www.ti.com
SNIS212 – DECEMBER 2019
Product Folder Links: TMP64
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
Figure 11. Thermal Foldback Using TMP64 Voltage Divider and a Rail-to-Rail Op Amp
The op amp remains high as long as the voltage output is below VRef. When the temperature goes above 110 °C,
then the output swings low to the 0-V rail of the op amp. The rate at which the foldback occurs is dependent on
the feedback network, RFB and R1, which varies the gain of the op amp, G, given by Equation 6. This in return
controls the voltage/temperature sensitivity of the circuit. This voltage output is fed into a LED driver IC that
adjusts output current accordingly. The final output voltage used for thermal foldback is VOUT, and is given in
Equation 7. In this example where the knee point is set at 110 °C, the output voltage curve is as shown in
Figure 12.
(5)
(6)
(7)
Figure 12. Thermal Foldback Voltage Output Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com