Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5MBF Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # S5MBF
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

S5MBF Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  S5MBF Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd S5MBF Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd S5MBF Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Typical Characterisitics
The curve above is for reference only.
https://www.microdiode.com
S5ABF THRU S5MBF
Reverse Voltage - 50 to 1000 Volts Forward Current - 5.0 Ampere
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak Reverse Voltage (%)
TJ=125°C
TJ=25°C
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
TJ=25°C
25
50
75
100
125
150
00
10
100
Fig.6 Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
25
50
75
100
125
150
175
Case Temperature (
°C)
Fig.1 Forward Current Derating Curve
2.0
4.0
6.0
0.0
Fig.4 Typical Junction Capacitance
0.1
0.6
1.0
1.2
1.6
Instaneous Forward Voltage (V)
0.4
10
Fig.3 Typical Forward Characteristic
1.0
1.4
0.8
1.8
TJ=25°C
Single phase half-wave 60 Hz
resistive or inductive load
1.0
3.0
5.0
7.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com