Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL22B Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SL22B
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SL22B Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SL22B Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL22B Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL22B Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
DN:T19717A0
https://www.microdiode.com
Rev:2019A0
Page :1
Reverse Voltage - 20 to 100 Volts Forward Current - 2.0 Ampere
SL22B THRU SL210B
Mechanical Data
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
260°C/10 seconds at terminals
Case : JEDEC DO-214AA/SMB Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.003ounce, 0.093 grams
Maximum Ratings And Electrical Characteristics
Ratings at 25°C ambient temperature unlss otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Dimensions in inches and (millimeters)
DO-214AA/SMB
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
0.08
6 (2.20)
0.07
1 (1.80)
0.18
5(4.70)
0.160(4.06)
0.155(3.94)
0.130(3.30)
Parameter
SYMBOLS
SL22B
SL23B
SL24B
SL25B
SL26B
SL28B SL210B
UNITS
Marking Code
MDD
SL22B
MDD
SL23B
MDD
SL24B
MDD
SL25B
MDD
SL26B
MDD
SL28B
MDD
SL210B
Maximum repetitive peak reverse voltage
VRMM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
V
Maximum average forward rectified current
at TL=90℃
I(AV)
2.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
50
A
Maximum instantaneous forward voltage at 2.0A
VF
0.45
0.50
0.70
V
Maximum DCreverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
0.5
10.0
0.2
5.0
mA
Typical junction capacitance (NOTE
1)
CJ
220
180
pF
Typical thermal resistance (NOTE
2)
RJA
68.0
℃/W
Operating junction and storage temperaturerange TJ,TSTG
-55to+150
℃
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 2.0x2.0”(5.0x5.0cm) copper pad areas.
3.The typical data above is for reference only.


Similar Part No. - SL22B

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
SMD SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
SL22B CHENDA-SL22B Datasheet
187Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SL22B GOOD-ARK-SL22B Datasheet
206Kb / 3P
Surface Mount Schottky Barrier Rectifier
SL22B GOOD-ARK-SL22B_15 Datasheet
206Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SL22B

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SL32A CHENDA-SL32A_V01 Datasheet
817Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL34F CHENDA-SL34F_V01 Datasheet
2Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL36F CHENDA-SL36F_V01 Datasheet
1Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL54F CHENDA-SL54F_V01 Datasheet
839Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL210F CHENDA-SL210F_V01 Datasheet
821Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL510F CHENDA-SL510F Datasheet
839Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL32B CHENDA-SL32B_V01 Datasheet
988Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL32C CHENDA-SL32C_V01 Datasheet
1Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL52B CHENDA-SL52B_V01 Datasheet
904Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL52C CHENDA-SL52C_V01 Datasheet
920Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com