Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL52C Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SL52C
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SL52C Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SL52C Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL52C Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL52C Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
https://www.microdiode.com
Reverse Voltage - 20 to 100 Volts Forward Current - 5.0 Ampere
SL52C THRU SL510C
The curve above is for reference only.
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
120
96
72
48
24
0
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
1
10
100
8.3ms SINGLE HALF SINE-WAVE
10
100
1000
2000
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
TJ=75 C
TJ=25 C
TJ=100 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
SL52C-SL56C
SL58C-SL510C
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
TJ=25 C
LEAD TEMPERATURE, C
50
10.0
1
0.1
0.01
SL52C-SL54C
SL55C-SL56C
SL58C-SL510C
TJ=25 C
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
P.C.B mounted on
2.0*2.0"(5.0*5.0cm)
copper pad areas



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com