Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32C Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SS32C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS32C Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SS32C Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS32C Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS32C Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DN:T19715A0
https://www.microdiode.com
Rev:2019A0
Page :1
SS32C THRU SS3200C
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 °C/10 seconds at terminals
Reverse Voltage - 20 to 200 Volts Forward Current - 3.0 Ampere
Mechanical Data
Case
: JEDEC DO-214AB/SMC molded plastic body
Terminals
: Solderable per MIL-STD-750,Method 2026
Polarity
: Color band denotes cathode end Mounting
Position
: Any
Weight
: 0.003 ounce, 0.095 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
Parameter
SYMBOLS
SS
32C SS33C SS34C SS35C SS36C SS38C SS310C SS3150C SS3200C
UNITS
Marking Code
MDD
SS
32C
MDD
SS
33C
MDD
SS
34C
MDD
SS
35C
MDD
SS
36C
MDD
SS
38C
MDD
SS
310C
MDD
SS
3150C
MDD
SS
3200C
Maximum repetitive peak reverse voltage
VRMM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum average forward rectified current
at TL(see fig.1)
I(AV)
3.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
80
A
Maximum instantaneous forward voltage at
3.0A
VF
0.55
0.70
0.85
0.95
V
Maximum DC reverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
0.
5
0.
3
mA
5.0
3.0
Typical junction capacitance (NOTE 1)
CJ
450
400
pF
Typical thermal resistance (NOTE 2)
RJA
60.0
℃/W
Operating junction temperature range
TJ
-55 to +1
50
℃
Storage temperature range
TSTG
-55 to +150
℃
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B.mounted with
2.0x2.0”(5.0x5.0cm) copperpad areas.
3.The typical data above is for reference only.
Dimensions in inches and (millimeters)
DO-214AB/SMC
0.060(1.52)
0.030(0.76)
0.320(8.13)
0.305(7.75)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.103(2.62)
0.079(2.06)
0.
126 (3.20)
0.
114 (2.90)
0.
280(7.11)
0.
260(6.60)
0.
245(6.22)
0.
220(5.59)


Similar Part No. - SS32C

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SS32C SEMTECH_ELEC-SS32C Datasheet
228Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
SS32C DACHANG-SS32C Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 200 V Forward Current 3.0 A
logo
Microdiode Semiconducto...
SS32C CHENDA-SS32C Datasheet
75Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
SS32C DACHANG-SS32C Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SS32C HDSEMI-SS32C Datasheet
941Kb / 4P
SMC Plastic-Encapsulate Diodes
More results

Similar Description - SS32C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com