Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST310C Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ST310C
Description  SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

ST310C Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  ST310C Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ST310C Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ST310C Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
https://www.microdiode.com
Reverse Voltage - 40 to 100 Volts Forward Current - 3.0 Ampere
ST34C THRU ST310C
The curve above is for reference only.
3
2.4
1.8
1.2
0.6
0
0
25
50
75
100
125
150
175
90
60
45
30
15
0
0.01
0.1
1
10
100
100
10
1
0.1
t,PULSE DURATION,sec.
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
1
10
100
0
20
40
60
80
100
100
10
1
0.1
0.01
0.001
TJ=25 C
TJ=100 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
LEAD TEMPERATURE, C
ST36C-ST310C
ST34C
TJ=75 C
0.1
1.0
10
100
REVERSE VOLTAGE,VOLTS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
TJ=25 C
10
100
1000
2000
0.2
0.4
0.6
0.8
1.0
1.1
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0.01
0.1
1
20
10
TJ=25 C
PULSE WIDTH=300
µs
2%DUTY CYCLE
ST36C
ST34C
ST310C
75
ST36C-ST310C
ST34C
8.3ms SINGLE HALF SINE-WAVE
P.C.B mounted on
2.0*2.0"(5.0*5.0cm)
copper pad areas
Single Phase
Half Wave 60Hz
Resistive or
inductive Load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com