Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1757536 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757536
Description  PCB terminal block - SMKDSP 1,5/14
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757536 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757536 Datasheet HTML 1Page - PHOENIX CONTACT 1757536 Datasheet HTML 2Page - PHOENIX CONTACT 1757536 Datasheet HTML 3Page - PHOENIX CONTACT 1757536 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1757536
03/28/2014   Page 1 / 4
PCB terminal block - SMKDSP 1,5/14 - 1757536
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PCB terminal block, Nominal current: 17.5 A, Nom. voltage: 400 V, Pitch: 5 mm, Number of positions: 14,
Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 35 °, Color:
green
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
17.77 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
13.4 mm
Pitch
5 mm
Dimension a
65 mm
Pin dimensions
0,9 x 0,9 mm
Hole diameter
1.3 mm
General
Range of articles
SMKDSP 1,5
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
17.5 A
Nominal cross section
1.5 mm²
Maximum load current
22 A
Insulating material
PA
Solder pin surface
Sn
Inflammability class according to UL 94
V0
Internal cylindrical gage
A 1


Similar Part No. - 1757536

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
175753 FESTO-175753 Datasheet
96Kb / 1P
Compact air cylinder
logo
PHOENIX CONTACT
1757530 PHOENIX-1757530 Datasheet
95Kb / 3P
Header with side panels, plug-in direction parallel to the p.c.b.
1757530 PHOENIX-1757530 Datasheet
142Kb / 6P
MSTB 2,5/ 9-ST
1757530 PHOENIX-1757530 Datasheet
170Kb / 6P
MVSTBR 2,5/ 9-ST
1757530 PHOENIX-1757530 Datasheet
104Kb / 4P
MSTB 2,5/ 9-ST BD:1-9
More results

Similar Description - 1757536

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1733431 PHOENIX-1733431 Datasheet
88Kb / 6P
PCB terminal block - SMKDSP 1,5/ 4
1733444 PHOENIX-1733444 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/ 5
1733457 PHOENIX-1733457 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/ 6
1733460 PHOENIX-1733460 Datasheet
88Kb / 6P
PCB terminal block - SMKDSP 1,5/ 7
1733473 PHOENIX-1733473 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/ 8
1733486 PHOENIX-1733486 Datasheet
88Kb / 6P
PCB terminal block - SMKDSP 1,5/ 9
1733499 PHOENIX-1733499 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/10
1733509 PHOENIX-1733509 Datasheet
75Kb / 6P
PCB terminal block - SMKDSP 1,5/11
1733512 PHOENIX-1733512 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/12
1757549 PHOENIX-1757549 Datasheet
135Kb / 7P
PCB terminal block - SMKDSP 1,5/16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com