Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5015 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # B5015
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

B5015 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  B5015 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(51 x 51 x 15 mm)
2.01 x 2.01 x .62 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 26, UL1061 lead wires
Protection:
thermal
Options:
tachometer output signal
B5015 series
20
16
12
4
0
0.06
8
0.02
0.04
0.08
0.10 0.12 0.14
24
M
H
E
AIR FLOW (M3/MIN)
0.62 ±0.01
(15.7 ±0.3)
0.47±0.01
(12 ±0.3)
0.69
(17.6)
4x R0.79
(2)
1.00 ±0.01
(25.5 ±0.3)
1.00 ±0.01
(25.4 ±0.03)
2.10 ±0.02
(51 ±0.5)
0.71±0.01
(18±0.3)
0.93 ±0.01
(23.5 ±0.3)
2.01±0.02
(51 ±0.5)
0.91 ±0.01
(23 ±0.3)
0.79 ±0.01
(20 ±0.3)
0.79 ±0.01
(20 ±0.3)
0.30
(7.5) 1.08 ±0.01
(27.5 ±0.3)
2x R0.136
(3.45)
2x R0.09 ±0.01
(2.25 ±0.3)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
db
Weight
g
5
12
24
M³/Min.
CFM
MM
INCH
B5015M
5/12/24
280
130
90
4,500
0.09
3
8.98
0.35
35
25
B5015H
5/12/24
400
200
130
5,500
0.11
4
14.28
0.56
40
25
B5015E
12/24
–
300
180
6,500
0.13
5
22.45
0.88
45
25
12.11.14


Similar Part No. - B5015

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5015 EPCOS-B5015 Datasheet
69Kb / 6P
SAW Components Low-Loss Filter 70,0 MHz
B5015 EPCOS-B5015 Datasheet
60Kb / 7P
CDMA
logo
List of Unclassifed Man...
B5015E ETC2-B5015E Datasheet
380Kb / 1P
DC BLOWERS
B5015H ETC2-B5015H Datasheet
380Kb / 1P
DC BLOWERS
B5015M ETC2-B5015M Datasheet
380Kb / 1P
DC BLOWERS
More results

Similar Description - B5015

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com