Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5020 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # B5020
Description  UL94V-0 PBT impeller and frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

B5020 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  B5020 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
NOT IN CATALOG
- THIS AND BELOW -
6.25.19
B5020 series
(51 x 50 x 20 mm)
2.00 x 1.97 x 0.79 inches
Features:
compact size exhaust blower
Construction:
UL94V-0 PBT impeller and frame
Bearing option: 2 ball bearing or fluid dynamic
bearing
Connection:
lead wires
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
5
12
24
M³/Min.
CFM
MM
INCH
B5020L*
5/12/24
250
120
90
4,000
0.16
6
5.10
0.20
29
22
0
0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16
AIR FLOW M³/MIN
3.0
4.5
6.0
1.5
H
2.00 ±0.02
(51 ±0.5)
0.79 ±0.02
(20 ±0.5)
1.52 ±0.2
(38.55 ±0.4)
ø0.18 ±0.01
(ø4.5 ±0.3)
ø1.32
(ø33.6)
*This speed not UL recognized


Similar Part No. - B5020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B5020L ETC2-B5020L Datasheet
345Kb / 1P
DC BLOWERS
More results

Similar Description - B5020

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MC9238 MECHATRONICS-MC9238 Datasheet
346Kb / 1P
UL94V-0 PBT impeller and frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com