Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B6025 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # B6025
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

B6025 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  B6025 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
C o o l i n g S i m p l i fi e d
B6025 series
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal
(60 x 60 x 25 mm)
2.36 x 2.36 x 0.98 inches
Bearing option:
Construction:
ball bearing
Connection:
lead wires
UL94V-0 PBT impeller & frame
6.25.19
2.36±0.02
(60±0.4)
0.98±0.01
(25±0.3)
0.02
(0.6)
0.02
(0.6)
Model No.
Rated
Voltage
V
Currrent
mA
Speed
RPM
Sound
Noise
dbA
Weight
g
Air Volume
Max/ Static
Pressure (H
2O)
M3/Min.
CFM
MM
INCH
200
12
B6025S12*
2,000
0.05
2.0
1.20
0.04
25
55
240
12
B6025L12*
2,800
0.08
3.0
2.70
0.10
28
55
300
12
B6025M12*
3,600
0.19
7.0
6.20
0.24
38
55
350
12
B6025H12*
4,400
0.24
8.0
9.50
0.37
43
55
0
0.05
0.10
0.15
0.20
0.25
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
AIR FLOW - (M3/MIN)
H
M
L
S
*Not UL recognized


Similar Part No. - B6025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6025L ETC2-B6025L Datasheet
375Kb / 1P
ball bearing or fluid dynamic bearing
More results

Similar Description - B6025

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com