Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7530L Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # B7530L
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

B7530L Datasheet(HTML) 1 Page - Mechatronics, Inc.

  B7530L Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(76 x 76 x 30 mm)
2.98 x 2.98 x 1.18 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing or sleeve
Connection:
lead wires
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal
B7530 series
0
2.0
4.0
6.0
8.0
10.0 12.0
14.0
AIR FLOW (M³/MIN)
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
2.0
L
S
M
H
E
0.85 ±0.01
(21.5 ±0.3)
1.47 ±0.01
(37.7 ±0.3)
1.15 ±0.01
(23.9 ±0.3)
2.908 ±0.02
(75.7 ±0.5)
1.18 ±0.02
(30.0 ±0.5)
0.17 ±0.01
(2-ø4.4 ±0.3)
Model No.
Rated
Voltage
V
Current
mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
M³/Min.
CFM
MM
INCH
B7530S
12/24
130
90
2,000
0.20
6.9
3.9
0.16
28
87
B7530L
12/24
180
120
2,500
0.24
8.6
6.4
0.26
36
87
B7530M
12/24
270
180
3,000
0.30
10.6
9.4
0.38
38
87
B7530H
12/24
450
240
3,500
0.35
12.3
13.1
0.52
43
87
B7530E
12/24
500
300
3,800
0.38
13.5
17.7
0.71
45
87
12.11.14


Similar Part No. - B7530L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7530L ETC2-B7530L Datasheet
453Kb / 1P
DC BLOWERS
More results

Similar Description - B7530L

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com