Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E9225M Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # E9225M
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

E9225M Datasheet(HTML) 1 Page - Mechatronics, Inc.

  E9225M Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(92 x 92 x 25 mm)
3.62 x 3.62 x 0.98 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 24, 1007 lead wires
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; PWM speed control
E9225 series
HIGH PERFORMANCE
.32
.28
.24
.20
.16
.12
.08
.04
0
10
20
30
40
50
60
AIR FLOW (CFM)
S
L
M
H
E
X
3.62 ±0.02
(92 ±0.5)
3.25 ±0.01
(82.5 ±0.3)
0.16
(4)
(4)
0.16
0.98 ±0.02
(25 ±0.5)
4x Ø 0.18
(Ø 4.5)
Model No.
Rated
Voltage
V
Current
mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
5
12
24
48
M³/Min. CFM
MM
INCH
E9225S
5/12/24
270
98
60
-
2,000
0.82
29
2.25
0.09
24
111
E9225L
5/12/24
400
150
85
-
2,400
0.99
35
3.25
0.13
27
111
E9225M
5/12/24
560
235
125
-
2,800
1.24
44
4.75
0.19
32
111
E9225H
12/24/48
-
360
168
65
3,200
1.44
51
6.00
0.24
36
111
E9225E
12/24/48
-
498
255
85
3,600
1.58
56
7.00
0.28
39
111
E9225X
12/24/48
-
550
300
130
4,000
1.70
60
8.00
0.32
43
111
12.15.14


Similar Part No. - E9225M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E9225M ETC2-E9225M Datasheet
386Kb / 1P
DC AXIAL FANS
More results

Similar Description - E9225M

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com