Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195C3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 17Page - STMicroelectronics ST92195C3 Datasheet HTML 18Page - STMicroelectronics ST92195C3 Datasheet HTML 19Page - STMicroelectronics ST92195C3 Datasheet HTML 20Page - STMicroelectronics ST92195C3 Datasheet HTML 21Page - STMicroelectronics ST92195C3 Datasheet HTML 22Page - STMicroelectronics ST92195C3 Datasheet HTML 23Page - STMicroelectronics ST92195C3 Datasheet HTML 24Page - STMicroelectronics ST92195C3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 249 page
background image
21/249
ST92195C/D - GENERAL DESCRIPTION
3
I/O
Port
4
R240
P4C0
Port 4 Configuration Register 0
00
68
R241
P4C1
Port 4 Configuration Register 1
00
R242
P4C2
Port 4 Configuration Register 2
00
I/O
Port
5
R244
P5C0
Port 5 Configuration Register 0
00
R245
P5C1
Port 5 Configuration Register 1
00
R246
P5C2
Port 5 Configuration Register 2
00
6
VPS/
WSS
R240
VPSSR
VPS Status Register
00
170
R241
VPSD0R
VPS Data Register 0
00
170
R242
VPSD1R
VPS Data Register 1
00
170
R243
VPSD2R
VPS Data Register 2
00
170
R244
VPSD3R
VPS Data Register 3
00
171
R245
VPSD4R
VPS Data Register 4
00
171
R246
WSSDS0R
WSS Data and Status Register 0
00
171
R247
WSSDS1R
WSS Data and Status Register 1
00
171
R248
WSSDS2R
WSS Data and Status Register 2
00
171
R249
VPSWSSCR
VPS/WSS Control Register
00
172
R250
WSSDS3R
WSS Data and Status Register 3
00
172
R251
WSSDS4R
WSS Data and Status Register 4
00
173
R252
WSSDS5R
WSS Data and Status Register 5
00
173
11
STIM0
R240
ST0HR
Counter High Byte Register
FF
85
R241
ST0LR
Counter Low Byte Register
FF
85
R242
ST0PR
Standard Timer Prescaler Register
FF
85
R243
ST0CR
Standard Timer Control Register
14
85
STIM1 1)
R248
ST1HR
Counter High Byte Register
FF
85
R249
ST1LR
Counter Low Byte Register
FF
85
R250
ST1PR
Standard Timer Prescaler Register
FF
85
R251
ST1CR
Standard Timer Control Register
14
85
21
MMU
R240
DPR0
Data Page Register 0
xx
40
R241
DPR1
Data Page Register 1
xx
40
R242
DPR2
Data Page Register 2
xx
40
R243
DPR3
Data Page Register 3
xx
40
R244
CSR
Code Segment Register
00
41
R248
ISR
Interrupt Segment Register
xx
41
R249
DMASR
DMA Segment Register
xx
41
Ext.Mem.
R246
EMR2
External Memory Register 2
0F
59
Group F
Page
Dec.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com