Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1238 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # G1238
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

G1238 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  G1238 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(120 x 120 x 38 mm)
4.69 x 4.69 x 1.5 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 24, UL1007 lead wires
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; encapsulated motor;
PWM speed control
G1238 series
16
12
8
4
0
1.0
2.0
3.0
5.0
S
L
M
H
E
14
10
6
2
4.0
AIR FLOW (M3/MIN)
4.68 ±0.02
(119 ±0.5)
4.13 ±0.02
(105 ±0.5)
4x Ø 0.18 ±0.01
(Ø 4.5 ±0.3)
1.50 ±0.02
(38 ±0.5)
0.2
(5)
0.2
(5)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
48
M³/Min.
CFM
MM
INCH
G1238S
12/24/48
250
180
80
2,000
2.50
88
4.39
0.17
34
336
G1238L
12/24/48
400
250
130
2,400
3.03
107
6.22
0.24
38
336
G1238M
12/24/48
600
330
180
2,800
3.54
125
8.16
0.32
43
336
G1238H
12/24/48
750
450
250
3,200
3.99
141
10.31
0.41
46
336
G1238E
12/24/48
1200
600
330
3,600
4.46
158
12.45
0.49
49
336
12.15.14


Similar Part No. - G1238

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1238E ETC2-G1238E Datasheet
378Kb / 1P
DC AXIAL FANS
G1238H ETC2-G1238H Datasheet
378Kb / 1P
DC AXIAL FANS
G1238L ETC2-G1238L Datasheet
378Kb / 1P
DC AXIAL FANS
G1238M ETC2-G1238M Datasheet
378Kb / 1P
DC AXIAL FANS
G1238S ETC2-G1238S Datasheet
378Kb / 1P
DC AXIAL FANS
More results

Similar Description - G1238

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com