Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4010S Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # G4010S
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

G4010S Datasheet(HTML) 1 Page - Mechatronics, Inc.

  G4010S Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(40 x 40 x 10.3 mm)
1.57 x 1.57 x 0.41 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 26, UL1061 lead wires
Frame:
ribbed
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal
G4010 series
12
8
4
0
0.1
0.2
0.3
10
6
2
0.4
S
E
H
M
L
AIR FLOW (M3/MIN)
1.26 ±0.01
(32 ±0.3)
AIR FLOW
1.57 ±0.02
(40 ±0.5)
0.41 ±0.02
(10.3 ±0.5)
4x Ø0.17 ±0.01
(4x Ø4.25 ±0.3)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
5
12
24
M³/Min.
CFM
MM
INCH
G4010S
5/12
90
60
-
4,000
0.13
5.00
1.70
0.07
21
12
G4010L
5/12/24
140
100
70
5,000
0.16
6.00
2.70
0.11
22
12
G4010M
5/12/24
240
150
100
6,000
0.19
7.00
3.70
0.15
28
12
G4010H
5/12/24
400
220
160
8,000
0.25
9.00
6.40
0.25
35
12
G4010E
12/24
-
350
250
10,000
0.32
11.00
9.90
0.39
41
12
12.15.14


Similar Part No. - G4010S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4010S ETC2-G4010S Datasheet
448Kb / 1P
DC AXIAL FANS
More results

Similar Description - G4010S

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD1238 MECHATRONICS-MD1238 Datasheet
380Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com