Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4015 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # G4015
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

G4015 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  G4015 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(40 x 40 x 15 mm)
1.57 x 1.57 x 0.59 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 26, UL1061 lead wires
Frame:
ribbed
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; PWM speed control
12.0
8.0
6.0
2.0
14.0
00.100.150.250.35
H
M
E
X
4.0
10.0
0.05
0.20
0.30
L
16.0
AIR FLOW (M3/MIN)
G4015 series
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
5
12
24
M³/Min.
CFM
MM
INCH
G4015L
5/12/24
200
80
50
4,000
0.10
4.00
1.84
0.07
20
23
G4015M
5/12/24
300
130
70
6,000
0.16
6.00
4.08
0.16
23
23
G4015H
5/12/24
400
200
90
8,000
0.22
8.00
7.24
0.29
29
23
G4015E
12/24
-
270
110
10,000
0.28
10.00
11.02
0.43
35
23
G4015X
12/24
-
350
160
12,000
0.33
12.00
15.31
0.60
39
23
1.57 ±0.02
(40 ±0.05)
1.26 ±0.02
(32 ±0.5)
4x Ø 0.17 ±0.01
(Ø 4.4 ±0.3)
0.59 ±0.01
(15 ±0.3)
12.15.14


Similar Part No. - G4015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4015E ETC2-G4015E Datasheet
423Kb / 1P
DC AXIAL FANS
G4015H ETC2-G4015H Datasheet
423Kb / 1P
DC AXIAL FANS
G4015L ETC2-G4015L Datasheet
423Kb / 1P
DC AXIAL FANS
G4015M ETC2-G4015M Datasheet
423Kb / 1P
DC AXIAL FANS
G4015X ETC2-G4015X Datasheet
423Kb / 1P
DC AXIAL FANS
More results

Similar Description - G4015

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com