Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4028 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # G4028
Description  UL94V-0 PBT impeller and frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

G4028 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  G4028 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
12.18.14
G4028 series
.64
.56
.48
.40
.32
.16
.08
0
5
10
15
20
AIR FLOW - CFM
.24
M
H
1.57 ±0.01
(40 ±0.5)
1.26 ±0.01
(32 ±0.3)
4x Ø 0.12
(Ø 3.1)
1.10 ±0.01
(28 ±0.3)
Model No.
Rated
Voltage
V
Operating
Voltage
V
Current
mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min.
CFM
MM
INCH
G4028M
12
8 - 14
200
8,000
0.37
13.0
9.30
0.37
37
50
G4028H
12
8 - 14
400
10,000
0.46
16.0
14.40
0.57
41
50
G4028M
24
15 - 28
150
8,000
0.37
13.0
9.30
0.37
37
50
G4028H
24
15 - 28
250
10,000
0.46
16.0
14.40
0.57
41
50
(40 x 40 x 28 mm)
1.57 x 1.57 x 1.10 inches
Features:
unique x-frame design
Construction:
UL94V-0 PBT impeller and frame
Bearing option: ball bearing
Connection:
AWG 26, UL1007 lead wires
Frame:
x-frame, ribbed
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal


Similar Part No. - G4028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4028H ETC2-G4028H Datasheet
330Kb / 1P
DC AXIAL FANS
G4028M ETC2-G4028M Datasheet
330Kb / 1P
DC AXIAL FANS
More results

Similar Description - G4028

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
B5020 MECHATRONICS-B5020 Datasheet
485Kb / 1P
UL94V-0 PBT impeller and frame
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MC9238 MECHATRONICS-MC9238 Datasheet
346Kb / 1P
UL94V-0 PBT impeller and frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com