Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4020M Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # G4020M
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

G4020M Datasheet(HTML) 1 Page - Mechatronics, Inc.

  G4020M Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(40 x 40 x 20 mm)
1.57 x 1.57 x 0.79 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing or sleeve
Connection:
AWG 26, UL1007 lead wires
Frame:
ribbed
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; encapsulated motor;
PWM speed control
G4020 series
4.0
3.0
2.0
1.0
5.0
00.100.200.300.40
L
S
M
H
6.0
7.0
E
AIR FLOW (M3/MIN)
0.79 ±0.01
(20 ±0.3)
0.16
(4.0)
1.57 ±0.02
(40 ±0.5)
1.26 ±0.02
(32 ±0.5)
4x
Ø 0.17 ±0.01
(Ø4.2 ±0.3)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
5
12
24
M³/Min.
CFM
MM
INCH
G4020S
5/12
120
50
-
4,000
0.18
6.00
1.74
0.07
21
28
G4020L
5/12
160
70
-
5,000
0.22
8.00
2.66
0.11
23
28
G4020M
5/12/24
220
95
65
6,000
0.26
9.00
3.75
0.15
26
28
G4020H
5/12/24
300
130
80
7,000
0.31
11.00
4.98
0.20
29
28
G4020E
5/12/24
440
160
110
8,000
0.33
11.70
5.81
0.23
32
28
12.15.14


Similar Part No. - G4020M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4020M ETC2-G4020M Datasheet
432Kb / 1P
DC AXIAL FANS
More results

Similar Description - G4020M

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD1238 MECHATRONICS-MD1238 Datasheet
380Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com