Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195C4 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST92195C4
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C4 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST92195C4 Datasheet HTML 89Page - STMicroelectronics ST92195C4 Datasheet HTML 90Page - STMicroelectronics ST92195C4 Datasheet HTML 91Page - STMicroelectronics ST92195C4 Datasheet HTML 92Page - STMicroelectronics ST92195C4 Datasheet HTML 93Page - STMicroelectronics ST92195C4 Datasheet HTML 94Page - STMicroelectronics ST92195C4 Datasheet HTML 95Page - STMicroelectronics ST92195C4 Datasheet HTML 96Page - STMicroelectronics ST92195C4 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 249 page
background image
93/249
ST92195C/D - TELETEXT DISPLAY STORAGE RAM INTERFACE
TDSRAM (Cont’d)
RAM INTERFACE CONFIGURATION REGIS-
TER (CONFIG )
R252 - Read/Write
Register Page: 38
Reset Value: 0000 0110 (06h)
Bits 7:4 = Reserved, keep in reset state.
Bit 3 = DS:
Double Scan
When the DS bit is reset, the TDSRAM interface
and the CSYNC controller behave in 50Hz/60Hz
compatible mode. The acquisition storage is only
allowed up to the end of line 24. The EOFVBI inter-
rupt is generated at the beginning of line 25.
When the DS bit is set, the TDSRAM interface and
the CSYNC controller behave in 100/120Hz com-
patible mode. The EOFVBI interrupt is generated
at the beginning of deflection line 50.
Note: DS can be changed only when the TRI is off
(GEN = 0).
Bit 2 = AON:
Acquisition ON/OFF.
0: No acquisition storage allowed (acquisition slot
completely used for CPU access).
1: Acquisition storage enabled during the respec-
tive access slot.
Note: AON can be changed only when the TRI is
off (GEN = 0).
Bit 1 = DON:
Display ON/OFF.
0: No display reading allowed (display slot com-
pletely used for CPU access).
1: Display reading enabled during the respective
access slot.
Note: DON can be changed only when the TRI is
off (GEN = 0).
Bit 0 = GEN:
RAM Interface General Enable.
0: TRI off. Acquisition storage, display reading,
multi-byte transfer and CPU accesses are not
allowed. When GEN=0, the Automatic Wait Cy-
cle insertion, while trying to access the
TDSRAM, is disabled.
1: TRI on.
70
0
0
0
0
DS
AON DON
GEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com