Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9232 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # G9232
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

G9232 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  G9232 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(92 x 92 x 32 mm)
3.62 x 3.62 x 1.24 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 24, UL1007 lead wires
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; thermistor speed
control; encapsulated motor;
PWM speed control
G9232 series
.35
.25
.20
.10
.05
020406080
100
AIR FLOW (CFM)
.15
.30
S
L
M
H
E
X
1.24 ±0.02
(32 ±0.5)
0.16
(4)
(4)
0.16
3.62 ±0.02
(92 ±0.5)
3.25 ±0.02
(82.5 ±0.5)
4x Ø 0.18 ±0.01
(Ø 4.5 ±0.3)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
5
12
24
M³/Min.
CFM
MM
INCH
G9232S
5/12/24
330
100
60
2,000
0.94
33
2.55
0.10
23
152
G9232L
5/12/24
480
170
90
2,400
1.13
40
3.47
0.14
28
152
G9232M
12/24
-
270
140
2,800
1.35
48
4.59
0.18
32
152
G9232H
12/24
-
360
200
3,200
1.56
55
6.02
0.24
35
152
G9232E
12/24
-
520
270
3,600
1.71
60
7.14
0.28
38
152
G9232X
12/24
-
680
360
4,000
1.92
68
8.25
0.33
44
152
12.15.14


Similar Part No. - G9232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G9232E ETC2-G9232E Datasheet
389Kb / 1P
DC AXIAL FANS
G9232H ETC2-G9232H Datasheet
389Kb / 1P
DC AXIAL FANS
G9232L ETC2-G9232L Datasheet
389Kb / 1P
DC AXIAL FANS
G9232M ETC2-G9232M Datasheet
389Kb / 1P
DC AXIAL FANS
G9232S ETC2-G9232S Datasheet
389Kb / 1P
DC AXIAL FANS
More results

Similar Description - G9232

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com