Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083P Datasheet(PDF) 5 Page - Intersil Corporation

Part # X5083P
Description  CPU Supervisor with 9Kbit SPI EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083P Datasheet(HTML) 5 Page - Intersil Corporation

  X5083P Datasheet HTML 1Page - Intersil Corporation X5083P Datasheet HTML 2Page - Intersil Corporation X5083P Datasheet HTML 3Page - Intersil Corporation X5083P Datasheet HTML 4Page - Intersil Corporation X5083P Datasheet HTML 5Page - Intersil Corporation X5083P Datasheet HTML 6Page - Intersil Corporation X5083P Datasheet HTML 7Page - Intersil Corporation X5083P Datasheet HTML 8Page - Intersil Corporation X5083P Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN8127.2
September 16, 2005
To set the new VTRIP voltage, apply the desired VTRIP
threshold voltage to the VCC pin and tie the WP pin to the
programming voltage VP. Then send a WREN command,
followed by a write of Data 00h to address 01h. CS going
HIGH on the write operation initiates the VTRIP programming
sequence. Bring WP LOW to complete the operation.
Note: This operation also writes 00h to array address 01h.
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native” voltage
level. For example, if the current VTRIP is 4.4V and the new
VTRIP must be 4.0V, then the VTRIP must be reset. When
VTRIP is reset, the new VTRIP is something less than 1.7V.
This procedure must be used to set the voltage to a lower
value.
To reset the new VTRIP voltage, apply the desired VTRIP
threshold voltage to the Vcc pin and tie the WP pin to the
programming voltage VP. Then send a WREN command,
followed by a write of data 00h to address 03h. CS going
HIGH on the write operation initiates the VTRIP programming
sequence. Bring WP LOW to complete the operation.
Note: This operation also writes 00h to array address 03h.
01
2 3
4
5 67
SCK
SI
CS
06h
01
2 3
4
5 67 8
9 10
20 21 22 23
16 Bits
0001h
02h
WP
VP = 15-18V
00h
WREN
Write
Address
Data
FIGURE 1. SET VTRIP LEVEL SEQUENCE (VCC = DESIRED VTRIP VALUE)
01
2 3
4
5 67
SCK
SI
CS
06h
01
2 3
4
5 67 8
9 10
20 21 22 23
16 Bits
0003h
02h
WP
VP = 15-18V
00h
WREN
Write
Address
Data
FIGURE 2. RESET VTRIP LEVEL SEQUENCE (VCC > 3V. WP = 15-18V)
X5083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com