Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195C6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 61Page - STMicroelectronics ST92195C6 Datasheet HTML 62Page - STMicroelectronics ST92195C6 Datasheet HTML 63Page - STMicroelectronics ST92195C6 Datasheet HTML 64Page - STMicroelectronics ST92195C6 Datasheet HTML 65Page - STMicroelectronics ST92195C6 Datasheet HTML 66Page - STMicroelectronics ST92195C6 Datasheet HTML 67Page - STMicroelectronics ST92195C6 Datasheet HTML 68Page - STMicroelectronics ST92195C6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 249 page
background image
65/249
ST92195C/D - TIMING AND CLOCK CONTROLLER
FREQUENCY MULTIPLIERS (Cont’d)
For the Off-chip filter components please refer to
the Required External Components figure provid-
ed in the first section of the data sheet.
The frequency multipliers are off during and upon
exiting from the reset phase. The user must pro-
gram the desired multiplying factor, start the multi-
plier and then wait for its stability (refer to the Elec-
trical Charateristics chapter for the specified de-
lay).
Once the Core/Peripherals multiplier is stabilized,
the Main Clock controller can be re-programmed
(through the FMSL bit, MCCR.6) to provide the fi-
nal frequency (INTCLK) to the CPU.
The
frequency
multipliers
are
automatically
switched off when the µP enters in HALT mode
(the HALT mode forces the control register to its
reset status).
Table 12. Examples of CPU speed choice
Note: 24 MHz is the max. CPU authorized frequency.
Table 13. DOTCK/2 frequency choices
(*) Preferred values for 4/3.
(**) 16/9 screen formats.
Note: 18 MHz is the min. DOTCK/2 authorized frequency.
Table 14. Data Slicer over-sampling clock
(other values are not allowed)
Table 15. External PLL Filter Stabilisation time
Crystal
Frequency
FML
(3:0)
Internal Frequency
(Fimf)
4 MHz
4
10 MHz
4 MHz
5
12 MHz
4 MHz
6
14 MHz
4 MHz
7
16 MHz
4 MHz
8
18 MHz
4 MHz
11
24 MHz
SKW
(3:0)
DOTCK/2
8
18 MHz
9
20 MHz(*)
10
22 MHz
11
24 MHz (**)
Crystal
Frequ.
Prescale
factor
Multiply
factor
7x Text
Frequency (Fslic)
4 MHz
64
777
48.5625 MHz
8 MHz
128
777
48.5625 MHz
Clock Pin Name
Clock Name
Control Register
Stabilization Period
MCFM
Main Clock PLL Filter Input Pin
MCCR
35 ms.
PXFM
Pixel Clock PLL Filter Input Pin
PXCCR
35 ms
TXCF
Teletext PLL Clock Filter input Pin
SLCCR
200 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com