Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT15P23 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # LPT15P23
Description  metal frame and plastic impeller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

LPT15P23 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  LPT15P23 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Speed
RPM
Air Volume
Max. Sta tic
Pressure (H20)
Sound
Noise
dbA
Wt .
g
M³/Min. CFM
MM
INCH
LPT15P12
LPT15P23
100-130
50/60
15
0.23
3,000
6.16
220
15.7
0.62
57
700
210-240
50/60
15
0.13
6.16
220
15.7
0.62
57
700
(172 x 150 x 51 mm)
6.77 x 5.91 x 2.00 inches
Operating voltage: 115 or 230 VAC
Construction:
metal frame and plastic impeller
Bearing option:
ball bearing
Motor:
electronically commutated
Air flow:
exhaust over struts
Connection:
lead wire UL1007 22AWG or
terminal
Protection:
auto restart
LPT15P series
2.01±0.02
0.12 (3)
(51±0.5)
0.12 (3)
1.50 (38)
0.79 (20)
6.38±0.01
(162±0.3)
6.77±0.02
(172±0.5)
4–Ø0.16±0.01
(4–Ø4.4±0.2)
Ø 5.68
(144.2)
9.28
.18
- THIS AND BELOW -
C o o l i n g S i m p l i fi e d
Options:
• encapsulated motor (IP68)
• ATEX
115V
0
50
100
150
200
AIR FLOW CFM
0.30
0.40
0.50
0.60
0.20
0.10
230V
3,000


Similar Part No. - LPT15P23

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LPT100 SIEMENS-LPT100 Datasheet
86Kb / 2P
PHOTOTRANSISTOR
logo
Emerson Network Power
LPT100-M EMERSON-NETWORKPOWER-LPT100-M Datasheet
371Kb / 3P
130 Watts Medical and ITE safeties
logo
Artesyn Technologies
LPT100-M ARTESYN-LPT100-M Datasheet
664Kb / 4P
EN61000-3-2 compliant
logo
Advanced Energy Industr...
LPT100-M ADVANCEDENERGY-LPT100-M Datasheet
535Kb / 6P
130 Watts
01 12.30
logo
Siemens Semiconductor G...
LPT100A SIEMENS-LPT100A Datasheet
86Kb / 2P
PHOTOTRANSISTOR
More results

Similar Description - LPT15P23

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
LPH92A99 MECHATRONICS-LPH92A99 Datasheet
483Kb / 1P
plastic frame and impeller
LPH92B99 MECHATRONICS-LPH92B99 Datasheet
469Kb / 1P
plastic frame and impeller
LPT12A99 MECHATRONICS-LPT12A99 Datasheet
1Mb / 1P
plastic frame and impeller
LPT60B99 MECHATRONICS-LPT60B99 Datasheet
1Mb / 1P
plastic frame and metal impeller
LPT92A99 MECHATRONICS-LPT92A99 Datasheet
255Kb / 1P
plastic frame and impeller
LPT200BMB MECHATRONICS-LPT200BMB Datasheet
1Mb / 1P
plastic frame and metal impeller
LPT200BPB MECHATRONICS-LPT200BPB Datasheet
1Mb / 1P
plastic frame and plastic impeller
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com