Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9220L Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MB9220L
Description  UL94V-0 PBT impeller and frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MB9220L Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MB9220L Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
12.18.14
MB9220 series
4.0
2.0
1.0
AIR VOLUME Q= M3/MIN
5.0
0
0.2
1.2
1.6
0.4 0.6 0.8 1.0
1.4
1.8
3.0
M
H
E
3.62 ±0.02
(92 ±0.3)
3.25 ±0.01
(85.5 ±0.3)
8x Ø 0.18
(Ø 4.3 ±0.3)
0.12 ±0.02
(3 ±0.3)
0.77 ±0.02
(19.5 ±0.3)
Model No.
Rated
Voltage
V
Current
mA
12
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min.
CFM
MM
INCH
MB9220L
12
0.12
2,100
0.90
31.8
1.18
0.04
24
71
MB9220M
12
0.16
2,500
1.08
38.1
2.60
0.10
28
71
MB9220H
12
0.26
3,000
1.35
47.7
3.48
0.14
32
71
MB9220E
12
0.32
3,600
1.65
57.5
4.20
0.17
38
71
(92 x 92 x 19.5 mm)
1.57 x 1.57 x 1.10 inches
Construction:
UL94V-0 PBT impeller and frame
Bearing option: ball bearing or sleeve
Connection:
AWG 26, UL1007 lead wires
Frame:
flanged
Protection:
impedance
Options:
tachometer output signal


Similar Part No. - MB9220L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB9220L ETC2-MB9220L Datasheet
355Kb / 1P
DC AXIAL FANS
More results

Similar Description - MB9220L

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
B5020 MECHATRONICS-B5020 Datasheet
485Kb / 1P
UL94V-0 PBT impeller and frame
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MC9238 MECHATRONICS-MC9238 Datasheet
346Kb / 1P
UL94V-0 PBT impeller and frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com