Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD4028 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MD4028
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MD4028 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MD4028 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(40 x 40 x 28 mm)
1.57 x 1.57 x 1.10 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 26, UL1007 lead wires
Frame:
ribbed
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; PWM speed control
20
15
10
5
30
00.100.200.300.40
25
0.50
E
M
H
L
S
0.60 0.70
35
V
X
U
AIR FLOW (M3/MIN)
MD4028 series
HIGH PERFORMANCE
1.57 ±0.01
(40 ±0.2)
1.26 ±0.01
(32 ±0.2)
4x Ø 0.13 ±0.01
(Ø 3.4 ±0.15)
1.10 ±0.01
(28 ±0.15)
0.12
(3)
Model No.
Rated
Voltage
V
Current
mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
M³/Min.
CFM
MM
INCH
MD4028S
12/24
70
50
5,000
0.209
7.38
4.05
0.159
30.8
50
MD4028L
12/24
100
70
6,500
0.272
9.59
6.75
0.266
33.2
50
MD4028M
12/24
140
90
8,000
0.335
11.82
10.23
0.403
37.2
50
MD4028H
12/24
210
120
9,200
0.384
13.57
13.53
0.533
41.0
50
MD4028E
12/24
240
140
10,300
0.430
15.19
16.96
0.670
44.0
50
MD4028X
12/24
350
180
11,500
0.529
18.67
17.72
0.709
47.3
50
MD4028U
12
520
-
13,000
0.598
21.11
22.64
0.906
50.0
50
MD4028V
12
650
-
15,000
0.690
24.35
30.14
1.206
53.1
50
07.19.15


Similar Part No. - MD4028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MD4028E ETC2-MD4028E Datasheet
456Kb / 1P
DC AXIAL FANS
MD4028H ETC2-MD4028H Datasheet
456Kb / 1P
DC AXIAL FANS
MD4028L ETC2-MD4028L Datasheet
456Kb / 1P
DC AXIAL FANS
MD4028M ETC2-MD4028M Datasheet
456Kb / 1P
DC AXIAL FANS
MD4028S ETC2-MD4028S Datasheet
456Kb / 1P
DC AXIAL FANS
More results

Similar Description - MD4028

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD1238 MECHATRONICS-MD1238 Datasheet
380Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com