Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD6020 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MD6020
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MD6020 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MD6020 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(60 x 60 x 20 mm)
2.36 x 2.36 x 0.79 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing or sleeve
Connection:
AWG 26, UL1007 lead wires
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal
6.0
4.0
3.0
1.0
0
0.20
0.40
0.60
0.80
L
M
H
E
X
2.0
5.0
AIR FLOW (M3/MIN)
MD6020 series
2.36 ±0.01
(60 ±0.3)
1.97 ±0.01
(50 ±0.3)
8x Ø 0.17 ±0.01
(Ø 4.3 ±0.3)
0.79 ±0.01
(20.2 ±0.3)
0.16 ±0.01
(4 ±0.3)
0.12 ±0.01
(3 ±0.3)
Model No.
Rated
Voltage
V
Operating
Voltage
V
Current
mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min.
CFM
MM
INCH
MD6020L
12
6 - 13.8
100
2,700
0.39
13.9
1.88
0.07
23.0
43
MD6020M
12
6 - 13.8
120
3,200
0.48
16.9
2.75
0.11
27.5
43
MD6020H
12
6 - 13.8
160
3,900
0.58
20.4
3.72
0.15
31.0
43
MD6020E
12
6 - 13.8
220
4,400
0.65
23.0
4.56
0.18
33.5
43
MD6020X
12
6 - 13.8
300
4,900
0.73
25.8
5.51
0.22
37.0
43
12.15.14


Similar Part No. - MD6020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MD6020E ETC2-MD6020E Datasheet
454Kb / 1P
DC AXIAL FANS
MD6020H ETC2-MD6020H Datasheet
454Kb / 1P
DC AXIAL FANS
MD6020L ETC2-MD6020L Datasheet
454Kb / 1P
DC AXIAL FANS
MD6020M ETC2-MD6020M Datasheet
454Kb / 1P
DC AXIAL FANS
MD6020X ETC2-MD6020X Datasheet
454Kb / 1P
DC AXIAL FANS
More results

Similar Description - MD6020

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com