Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD9238 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MD9238
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MD9238 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MD9238 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(92 x 92 x 38 mm)
3.62 x 3.62 x 1.5 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 24, UL1007 lead wires
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; PWM speed control
12.0
9.0
6.0
3.0
18.0
00.6
1.21.8
2.4
15.0
3.6
E
M
H
L
3.0
21.0
X
AIR FLOW (M3/MIN)
MD9238 series
HIGH PERFORMANCE
3.62 ±0.01
(92 ±0.3)
3.25 ±0.01
(82.5 ±0.2)
0.18
(4.5)
4x Ø 0.17 ±0.01
(Ø 4.4 ±0.2)
0.18
(4.5)
1.50 ±0.01
(38 ±0.2)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
48
M³/Min.
CFM
MM
INCH
MD9238L
12/24/48
360
190
100
3,200
2.01
71.06
7.86
0.31
44.5
180
MD9238M
12/24/48
580
300
150
3,800
2.46
86.85
10.24
0.40
50.0
180
MD9238H
12/24/48
880
450
220
4,400
2.85
100.69
15.30
0.60
53.5
180
MD9238E
12/24
1000
500
-
4,800
3.13
110.56
16.93
0.67
55.0
180
MD9238X
24
-
700
-
5,400
3.50
123.57
21.39
0.84
58.4
180
12.15.14


Similar Part No. - MD9238

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MD9238E ETC2-MD9238E Datasheet
389Kb / 1P
DC AXIAL FANS
MD9238H ETC2-MD9238H Datasheet
389Kb / 1P
DC AXIAL FANS
MD9238L ETC2-MD9238L Datasheet
389Kb / 1P
DC AXIAL FANS
MD9238M ETC2-MD9238M Datasheet
389Kb / 1P
DC AXIAL FANS
MD9238X ETC2-MD9238X Datasheet
389Kb / 1P
DC AXIAL FANS
More results

Similar Description - MD9238

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com