Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH4028 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MH4028
Description  UL94V-0 plastic impeller and plastic frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MH4028 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MH4028 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
C o o l i n g S i m p l i fi e d
MH4028 series
Frame:
ribbed
(40 x 40 x 28 mm)
1.57 x 1.57 x 1.10 inches
Features:
polarity protection, auto-restart
Construction:
UL94V-0 plastic impeller and
plastic frame
Bearing option:
ball bearing
Connection:
UL1007AWG#24 lead wires
Protection:
thermal
Options:
• tachometer;
• locked rotor alarm;
• environmental protection
• PWM speed control;
Model No.
Rated
Voltage
VDC
Current A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
24
12
M³/Min.
CFM
MM
INCH
MH4028L
12/24
12/24
12/24
0.25
10,000
0.46
16.29
13.21
0.52
44
40
MH4028M
0.38
13,000
0.60
21.12
22.35
0.88
52
40
MH4028H
0.48
0.14
0.17
8,000
0.36
12.81
8.38
0.33
39
40
0.05
0.18
-
15,000
0.69
24.45
29.97
1.18
55
40
12
MH4028E
12
MH4028X
0.6
-
16,500
0.71
25.15
33.52
1.32
63
40
12.30.19
1.10 ±0.02
(28.0 ±0.5)
1.57 ±0.02
(40.0 ±0.5)
1.26 ±0.01
(32.0 ±0.3)
4–Ø0.13±0.1
(4–Ø3.4±0.3)
0
5
10
15
20
25
0.20
0.40
0.60
0.80
1.00
1.20
1.40
AIR FLOW - CFM
M
L
H
E
X


Similar Part No. - MH4028

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MH41FAD MTRONPTI-MH41FAD Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH41FAD-R MTRONPTI-MH41FAD-R Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH41FAD-R MTRONPTI-MH41FAD-R Datasheet
393Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH41FAG MTRONPTI-MH41FAG Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH41FAG-R MTRONPTI-MH41FAG-R Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
More results

Similar Description - MH4028

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR1225 MECHATRONICS-MR1225 Datasheet
530Kb / 1P
UL94V-0 plastic impeller and frame
MR1238 MECHATRONICS-MR1238 Datasheet
478Kb / 1P
UL94V-0 plastic impeller and frame
MR3010 MECHATRONICS-MR3010 Datasheet
482Kb / 1P
UL94V-0 plastic impeller and frame
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
MR8032 MECHATRONICS-MR8032 Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR8038 MECHATRONICS-MR8038 Datasheet
168Kb / 1P
UL94V-0 plastic impeller and frame
MR9225 MECHATRONICS-MR9225 Datasheet
533Kb / 1P
UL94V-0 plastic impeller and frame
MR9238 MECHATRONICS-MR9238 Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com