Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQ6038 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MQ6038
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MQ6038 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MQ6038 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(60 x 60 x 38 mm)
2.36 x 2.36 x 1.50 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 24, UL1007 lead wires
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; PWM speed control
MQ6038 series
HIGH PERFORMANCE
0
10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0
AIR FLOW (CFM)
0.8
1.2
1.6
2.0
2.4
0.4
L
M
H
E
Air Flow
11.81 ±0.59
(300.0
±15)
2- 0.16 ±0.01
(2- 4.0
±0.3)
1.50 ±0.02
(38.0
±0.5)
1.97 ±0.01
(50.0
±0.3)
2.36 ±0.02
(
60.0 ±0.5)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
48
M³/Min.
CFM
MM
INCH
MQ6038L
12/24/48
480
260
210
8,000
1.26
44.60
23.2
0.91
53
106
MQ6038M
12/24/48
650
360
260
9,000
1.45
51.30
29.1
1.15
57
106
MQ6038H
12/24/48
860
460
310
10,000
1.61
57.00
36.3
1.43
60
106
MQ6038E
12/24/48
1600
720
410
11,000
1.96
69.20
53.6
2.11
64
106
12.15.14


Similar Part No. - MQ6038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MQ6038E ETC2-MQ6038E Datasheet
433Kb / 1P
DC AXIAL FANS
MQ6038H ETC2-MQ6038H Datasheet
433Kb / 1P
DC AXIAL FANS
MQ6038L ETC2-MQ6038L Datasheet
433Kb / 1P
DC AXIAL FANS
MQ6038M ETC2-MQ6038M Datasheet
433Kb / 1P
DC AXIAL FANS
More results

Similar Description - MQ6038

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD1238 MECHATRONICS-MD1238 Datasheet
380Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com