Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR3010M Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MR3010M
Description  UL94V-0 plastic impeller and frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MR3010M Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MR3010M Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
11.08.17
MR3010 series
(30 x 30 x 10 mm)
1.18 x 1.18 x 0.39 inches
Features:
soft start, polarity protection,
auto-restart
Operating Voltage: 5 or 12 VDC
Construction:
UL94V-0 plastic impeller and
frame
Bearing option:
ball bearing or sleeve
Air Flow:
air exhaust over struts
Options:
tachometer output or locked
rotor alarm signal
0.945 ±0.012
(24.0 ±0.3)
1.181 ±0.020
(30.0 ±0.5)
3- Ø0.126 ±0.012
(3- Ø3.2 ±0.3)
7.874 ±0.039
(200 ±5)
0.197 ±0.039
(5.0 ±1.0)
0.394 ±0.020
(10.0 ±0.5)
AIR VOLUME (CFM)
0
X
E
H
M
L
0.5
0.4
0.3
0.2
0.1
0
1
2
3
4
5
6
7
8
L
M
H
E
Model No.
Rated
Voltage
VDC
Current A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
5
12
M³/Min.
CFM
MM
INCH
MR3010L
5/12
0.07
0.05
6,000
0.11
4.1
2.68
0.11
20.5
8
MR3010M
5/12
0.11
0.06
8,000
0.15
5.4
4.73
0.19
25.2
8
MR3010H
5/12
0.13
0.09
10,000
0.18
6.4
6.64
0.26
31.6
8
MR3010E
12
–
0.13
11,500
0.22
7.7
9.71
0.38
34.0
8


Similar Part No. - MR3010M

ManufacturerPart #DatasheetDescription
logo
NEC
MR301 NEC-MR301 Datasheet
45Kb / 3P
The MR301 series, which has a low profile package and light weight,
MR301-12 NEC-MR301-12 Datasheet
45Kb / 3P
The MR301 series, which has a low profile package and light weight,
MR301-12H NEC-MR301-12H Datasheet
45Kb / 3P
The MR301 series, which has a low profile package and light weight,
MR301-12HL NEC-MR301-12HL Datasheet
45Kb / 3P
The MR301 series, which has a low profile package and light weight,
MR301-12HS NEC-MR301-12HS Datasheet
45Kb / 3P
The MR301 series, which has a low profile package and light weight,
More results

Similar Description - MR3010M

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR1225 MECHATRONICS-MR1225 Datasheet
530Kb / 1P
UL94V-0 plastic impeller and frame
MR1238 MECHATRONICS-MR1238 Datasheet
478Kb / 1P
UL94V-0 plastic impeller and frame
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
MR8032 MECHATRONICS-MR8032 Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR8038 MECHATRONICS-MR8038 Datasheet
168Kb / 1P
UL94V-0 plastic impeller and frame
MR9225 MECHATRONICS-MR9225 Datasheet
533Kb / 1P
UL94V-0 plastic impeller and frame
MR9232 MECHATRONICS-MR9232 Datasheet
490Kb / 1P
UL94V-0 plastic impeller and frame
MR9238 MECHATRONICS-MR9238 Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com