Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR4020X Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MR4020X
Description  UL94V-0 plastic impeller and frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MR4020X Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MR4020X Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
08.10.18
MR4020 series
(40 x 40 x 20 mm)
1.57 x 1.57 x .78 inches
Features:
soft start, polarity protection,
auto-restart
Operating Voltage: 12 or 24 VDC
Construction:
UL94V-0 plastic impeller and
frame
Bearing option:
ball bearing or sleeve
Air Flow:
air exhaust over struts
Options:
tachometer output or locked
rotor alarm signal; PWM speed
control
1.260 ±0.012
(32.0 ±0.3)
1.575 ±0.020
(40.0 ±0.5)
4- Ø3.5 ± 0.2
(4- Ø0.138 ± 0.008)
11.811 ±0.197
(300 ±5.0)
0.197 ±0.039
(5.0 ±1.0)
2- 0.098 ±0.012
(2- 2.5 ±0.3)
0.787 ±0.020
(20.0 ±0.50)
0.5
0.6
0.4
0.3
0.2
0.1
0
3
6
9
12
AIR VOLUME (CFM)
15
18
L
M
H
E
X
Model No.
Rated
Voltage
VDC
Current A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
M³/Min.
CFM
MM
INCH
MR4020L
12
0.06
–
6,500
0.26
9.4
4.07
0.16
26.5
24
MR4020M
12/24
0.10
0.05
8,000
0.32
11.5
6.14
0.24
29.8
24
MR4020H
12/24
0.16
0.08
9,500
0.38
13.6
8.63
0.34
35.1
24
MR4020E
12/24
0.22
0.11
11,000
0.45
15.8
11.54
0.45
39.1
24
MR4020X
12/24
0.30
0.15
12,000
0.49
17.2
13.71
0.54
41.0
24


Similar Part No. - MR4020X

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MR4020 SHINDENGEN-MR4020 Datasheet
1Mb / 43P
Partial Resonance Power Supply ICModule
More results

Similar Description - MR4020X

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR1225 MECHATRONICS-MR1225 Datasheet
530Kb / 1P
UL94V-0 plastic impeller and frame
MR1238 MECHATRONICS-MR1238 Datasheet
478Kb / 1P
UL94V-0 plastic impeller and frame
MR3010 MECHATRONICS-MR3010 Datasheet
482Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
MR8032 MECHATRONICS-MR8032 Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR8038 MECHATRONICS-MR8038 Datasheet
168Kb / 1P
UL94V-0 plastic impeller and frame
MR9225 MECHATRONICS-MR9225 Datasheet
533Kb / 1P
UL94V-0 plastic impeller and frame
MR9232 MECHATRONICS-MR9232 Datasheet
490Kb / 1P
UL94V-0 plastic impeller and frame
MR9238 MECHATRONICS-MR9238 Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com