Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BULT116D Datasheet(PDF) 2 Page - STMicroelectronics

Part # BULT116D
Description  MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULT116D Datasheet(HTML) 2 Page - STMicroelectronics

  BULT116D Datasheet HTML 1Page - STMicroelectronics BULT116D Datasheet HTML 2Page - STMicroelectronics BULT116D Datasheet HTML 3Page - STMicroelectronics BULT116D Datasheet HTML 4Page - STMicroelectronics BULT116D Datasheet HTML 5Page - STMicroelectronics BULT116D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
2.78
80
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 400 V
VCE = 400 V
Tc = 125
oC
100
500
µA
µA
VEBO
Emitter-Base Voltage
(IC = 0)
IE = 10 mA
9
V
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
200
V
ICEO
Collector Cut-off
Current
(IB = 0)
VCE = 200 V
250
µA
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 0.5 A
IB = 50 mA
IC = 1 A
IB = 0.1 A
IC = 3 A
IB = 0.6 A
IC = 5 A
IB = 1 A
0.25
0.4
0.7
1.2
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 1 A
IB = 0.1 A
IC = 5 A
IB = 1 A
1.1
1.5
V
V
hFE
DC Current Gain
IC = 10 mA
VCE = 5 V
IC = 5 A
VCE = 5 V
10
820
tr
tf
ts
RESISTIVE LOAD
Rise Time
Fall Time
Storage Time
VCC = 125 V
IC = 2 A
IB1 = 0.4 A
IB2 = -0.4 A
tp = 30
µs
(see figure 2)
0.2
0.2
1.4
0.4
µs
µs
µs
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 2 A
IB1 = 0.4 A
VBE = -5 V
L = 500
µH
Vclamp = 180 V
(see figure 1)
0.5
0.1
µs
µs
VF
Diode Forward Voltage IC = 2 A
1.5
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Derating Curve
BULT116D
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com