Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBD1205 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBD1205
Description  SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBD1205 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBD1205 Datasheet HTML 1Page - Continental Device India Limited CMBD1205 Datasheet HTML 2Page - Continental Device India Limited CMBD1205 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Reverse recovery time when switched from
IF = 10 mA to IR = 10 mA; RL = 100 Ω;
measured at IR = 1 mA
trr
<
4ns
RATINGS (per diode) (at TA = 25°C unless otherwise specified)
Limiting values
Continuous reverse voltage
VR
max.
75 V
Repetitive peak reverse voltage
VRRM
max.
100 V
Repetitive peak forward current
IFRM
max.
500 mA
Forward current
IF
max.
215 mA
Non-repetitive peak forward current (per crystal)
t = 1 µs
IFSM
max.
4 A
t = 1 ms
IFSM
max.
1.0 A
t = 1 s
IFSM
max.
0.5 A
Storage temperature
Tstg
–55 to +150 ° C
Junction temperature
Tj
max.
150 ° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
=
500 K/W
CHARACTERISTICS (per diode)
Tj = 25 °C unless otherwise specified
Forward voltage
IF = 10 mA
VF
<
0.855 V
IF = 200 mA
VF
<
1.05 V
IF = 10 mA
CMBD4148
VF
<
1.0 V
Reverse currents
VR = 20 V
IR
<
25 nA
VR = 75 V
IR
<
5µA
VR = 25 V; Tj = 150 °C
IR
<
30 µA
Forward recovery voltage
IF = 10 mA; tp = 20 ns
Vfr
<
1.75 V
Recovery charge
IF = 10 mA to VR = 5V; R = 100 Ω
Qs
<45 pC
Diode capacitance
VR = 0; f = 1 MHz
Cd
<
2pF
Reverse recovery time when switched from
IF = 10 mA to IR = 10 mA; RL = 100 Ω;
measured at IR = 1 mA
trr
<
4ns
CMBD1201, CMBD1202, CMBD1203
CMBD1204, CMBD1205, CMBD4148



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com