Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBD4148 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBD4148
Description  SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBD4148 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBD4148 Datasheet HTML 1Page - Continental Device India Limited CMBD4148 Datasheet HTML 2Page - Continental Device India Limited CMBD4148 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
CMBD1201, 1202, CMBD4148 are all single diodes
CMBD1203 is a dual diode, in series
CMBD1204 is a dual diode, common cathode
CMBD1205 is a dual diode, common anode
ABSOLUTE MAXIMUM RATINGS (per diode)
Continuous reverse voltage
VR
max.
75 V
Repetitive peak reverse voltage
VRRM
max.
100 V
Repetitive peak forward current
IFRM
max.
500 mA
Forward current
IF
max.
215 mA
Junction temperature
Tj
max.
150 ° C
Forward voltage at IF = 10 mA
VF
<
0.855 V
CMBD1201, CMBD1202, CMBD1203
CMBD1204, CMBD1205, CMBD4148
Marking
CMBD1201 – 24
CMBD1202 – 25
CMBD1203 – 26
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
3
1
2
CMBD1201
CMBD4148
CMBD1204 – 27
CMBD1205 – 28
CMBD4148 – 5H
2
1
CMBD1202
3
1
2
CMBD1203
3
1
2
3
CMBD1204
1
2
3
CMBD1205
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CMBD4148

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBD4148 RECTRON-CMBD4148 Datasheet
23Kb / 1P
SURFACE MOUNT ZENER DIODE
More results

Similar Description - CMBD4148

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Rohm
1SS353 ROHM-1SS353 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS92 ROHM-1SS92 Datasheet
207Kb / 3P
SILICON EPITAXIAL PLANAR ULTRA-HIGH SPEED SWITCHING DIODES
logo
TRANSYS Electronics Lim...
BAS19 TEL-BAS19 Datasheet
104Kb / 3P
SILICON PLANAR HIGH SPEED DIODES
BAV70 TEL-BAV70 Datasheet
50Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES
BAV99 TEL-BAV99 Datasheet
51Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES
BAW56 TEL-BAW56 Datasheet
56Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES
logo
First Components Intern...
BAS19 FCI-BAS19 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR HIGH-SPEED DIODES
logo
New Jersey Semi-Conduct...
1N4151 NJSEMI-1N4151 Datasheet
90Kb / 1P
ULTRA HIGH SPEED SILICON PLANAR EPITAXIAL DIODES
logo
Continental Device Indi...
BAS19 CDIL-BAS19 Datasheet
137Kb / 4P
SILICON PLANAR HIGH SPEED DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com