Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5328PIZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # X5328PIZ
Description  CPU Supervisor with 32Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5328PIZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X5328PIZ Datasheet HTML 5Page - Intersil Corporation X5328PIZ Datasheet HTML 6Page - Intersil Corporation X5328PIZ Datasheet HTML 7Page - Intersil Corporation X5328PIZ Datasheet HTML 8Page - Intersil Corporation X5328PIZ Datasheet HTML 9Page - Intersil Corporation X5328PIZ Datasheet HTML 10Page - Intersil Corporation X5328PIZ Datasheet HTML 11Page - Intersil Corporation X5328PIZ Datasheet HTML 12Page - Intersil Corporation X5328PIZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN8132.1
October 17, 2005
Read Sequence
When reading from the EEPROM memory array, CS is
first pulled low to select the device. The 8-bit READ
instruction is transmitted to the device, followed by the
16-bit address. After the READ opcode and address
are sent, the data stored in the memory at the selected
address is shifted out on the SO line. The data stored
in memory at the next address can be read sequen-
tially by continuing to provide clock pulses. The
address is automatically incremented to the next
higher address after each byte of data is shifted out.
When the highest address is reached, the address
counter rolls over to address $0000 allowing the read
cycle to be continued indefinitely. The read operation
is terminated by taking CS high. Refer to the Read
EEPROM Array Sequence (Figure 1).
To read the Status Register, the CS line is first pulled
low to select the device followed by the 8-bit RDSR
instruction. After the RDSR opcode is sent, the contents
of the Status Register are shifted out on the SO line.
Refer to the Read Status Register Sequence (Figure 2).
Write Sequence
Prior to any attempt to write data into the device, the
“Write Enable” Latch (WEL) must first be set by issu-
ing the WREN instruction (Figure 3). CS is first taken
LOW, then the WREN instruction is clocked into the
device. After all eight bits of the instruction are trans-
mitted, CS must then be taken HIGH. If the user con-
tinues the Write Operation without taking CS HIGH
after issuing the WREN instruction, the Write Opera-
tion will be ignored.
To write data to the EEPROM memory array, the user
then issues the WRITE instruction followed by the
16-bit address and then the data to be written. Any
unused address bits are specified to be “0’s”. The
WRITE operation minimally takes 32 clocks. CS must
go low and remain low for the duration of the opera-
tion. If the address counter reaches the end of a page
and the clock continues, the counter will roll back to
the first address of the page and overwrite any data
that may have been previously written.
For the Page Write Operation (byte or page write) to
be completed, CS can only be brought HIGH after bit 0
of the last data byte to be written is clocked in. If it is
brought HIGH at any other time, the write operation
will not be completed (Figure 4).
To write to the Status Register, the WRSR instruction
is followed by the data to be written (Figure 5). Data
bits 0 and 1 must be “0”.
While the write is in progress following a Status Regis-
ter or EEPROM Sequence, the Status Register may
be read to check the WIP bit. During this time the WIP
bit will be high.
OPERATIONAL NOTES
The device powers-up in the following state:
– The device is in the low power standby state.
– A HIGH to LOW transition on CS is required to enter
an active state and receive an instruction.
– SO pin is high impedance.
– The Write Enable Latch is reset.
– The Flag Bit is reset.
– Reset Signal is active for tPURST.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
– A WREN instruction must be issued to set the Write
Enable Latch.
–CS must come HIGH at the proper clock count in
order to start a nonvolatile write cycle.
X5328, X5329



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com