Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR9232M Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MR9232M
Description  UL94V-0 plastic impeller and frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MR9232M Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MR9232M Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
07.24.17
MR9232 series
(92 x 92 x 32 mm)
3.62 x 3.62 x 1.26 inches
Features:
soft start, polarity protection,
auto-restart
Operating Voltage: 12 or 24 VDC
Construction:
UL94V-0 plastic impeller and
frame
Bearing option:
ball bearing or sleeve
Air Flow:
air exhaust over struts
Options:
tachometer output or locked
rotor alarm signal; PWM speed
control
3.248 ±0.012
(82.5 ±0.3)
3.622 ±0.020
(92.0 ±0.5)
8- Ø0.169 ±0.012
(8- Ø4.3 ±0.3)
10.236 ±0.039
(260 ±5)
0.197 ±0.039
(5.0 ±1.0)
2- 0.150 ±0.012
(2- 3.8 ±0.3)
1.260 ±0.020
(32.0 ±0.5)
0.5
0.6
0.7
0.8
0.4
0.3
0.2
0.1
0
20
40
60
80
100
AIR VOLUME (CFM)
120
L
M
H
E
Model No.
Rated
Voltage
VDC
Current A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
M³/Min.
CFM
MM
INCH
MR9232L
12/24
0.31
0.16
3,200
1.75
62
6.16
0.24
43.0
150
MR9232M
12/24
0.46
0.23
3,800
2.07
74
8.61
0.34
48.8
150
MR9232H
12/24
0.60
0.30
4,400
2.39
85
11.46
0.45
49.7
150
MR9232E
12/24
0.98
0.49
5,000
2.71
96
14.72
0.58
52.8
150


Similar Part No. - MR9232M

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR9238 MECHATRONICS-MR9238 Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
MR9238E MECHATRONICS-MR9238E Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
MR9238H MECHATRONICS-MR9238H Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
MR9238L MECHATRONICS-MR9238L Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
MR9238M MECHATRONICS-MR9238M Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
More results

Similar Description - MR9232M

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR1225 MECHATRONICS-MR1225 Datasheet
530Kb / 1P
UL94V-0 plastic impeller and frame
MR1238 MECHATRONICS-MR1238 Datasheet
478Kb / 1P
UL94V-0 plastic impeller and frame
MR3010 MECHATRONICS-MR3010 Datasheet
482Kb / 1P
UL94V-0 plastic impeller and frame
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
MR8032 MECHATRONICS-MR8032 Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR8038 MECHATRONICS-MR8038 Datasheet
168Kb / 1P
UL94V-0 plastic impeller and frame
MR9225 MECHATRONICS-MR9225 Datasheet
533Kb / 1P
UL94V-0 plastic impeller and frame
MR9238 MECHATRONICS-MR9238 Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com