Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR9225E Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MR9225E
Description  UL94V-0 plastic impeller and frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MR9225E Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MR9225E Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air Flow:
air exhaust over struts
Features:
soft start, polarity protection,
auto-restart
Construction:
UL94V-0 plastic impeller and
frame
Bearing option:
ball bearing or sleeve
Operating Voltage: 12 or 24 VDC
Options:
tachometer output or locked
rotor alarm signal; PWM
speed control
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
C o o l i n g S i m p l i fi e d
MR9225 series
(92 x 92 x 25 mm)
3.62 x 3.62 x 0.98 inches
01.21.20
0
20
40
60
80
100
140
120
0.1
0.2
0.3
0.4
0.5
0.6
AIR VOLUME (CFM)
E
X
H
M
L
Model No.
Rated
Voltage
VDC
Current A
Speed
RPM
Air Volume
Max. Static
Pressure (H
2O)
Sound
Noise
dbA
Weight
g
24
M³/Min.
CFM
MM
INCH
MR9225L
12/24
12/24
12/24
0.19
3,600
2.28
81
8.42
0.33
45.1
120
MR9225M
0.25
4,000
2.53
90
10.35
0.40
48.0
120
MR9225H
0.31
0.11
12
0.38
0.50
0.62
0.21
3,000
1.91
68
5.91
0.23
40.9
120
4,400
2.77
99
12.46
0.49
50.8
120
12/24
MR9225E
0.42
0.84
4,800
3.02
107
14.78
0.58
53.0
120
12/24
MR9225X
3.248 ±0.012
(82.5 ±0.3)
3.622 ±0.020
(92.0 ±0.5)
8-
Ø0.169 ±0.012
(8-
Ø4.3 ±0.3)
10.236 ±0.197
(260 ±5)
0.197 ±0.039
(5.0 ±1.0)
2-0.157 ±0.012
(2-4.0 ±0.3)
1.0 ±0.020
(25.4 ±0.50)


Similar Part No. - MR9225E

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR9232 MECHATRONICS-MR9232 Datasheet
490Kb / 1P
UL94V-0 plastic impeller and frame
MR9232E MECHATRONICS-MR9232E Datasheet
490Kb / 1P
UL94V-0 plastic impeller and frame
MR9232H MECHATRONICS-MR9232H Datasheet
490Kb / 1P
UL94V-0 plastic impeller and frame
MR9232L MECHATRONICS-MR9232L Datasheet
490Kb / 1P
UL94V-0 plastic impeller and frame
MR9232M MECHATRONICS-MR9232M Datasheet
490Kb / 1P
UL94V-0 plastic impeller and frame
More results

Similar Description - MR9225E

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR1225 MECHATRONICS-MR1225 Datasheet
530Kb / 1P
UL94V-0 plastic impeller and frame
MR1238 MECHATRONICS-MR1238 Datasheet
478Kb / 1P
UL94V-0 plastic impeller and frame
MR3010 MECHATRONICS-MR3010 Datasheet
482Kb / 1P
UL94V-0 plastic impeller and frame
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
MR8032 MECHATRONICS-MR8032 Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR8038 MECHATRONICS-MR8038 Datasheet
168Kb / 1P
UL94V-0 plastic impeller and frame
MR9232 MECHATRONICS-MR9232 Datasheet
490Kb / 1P
UL94V-0 plastic impeller and frame
MR9238 MECHATRONICS-MR9238 Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com