Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR8038X Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MR8038X
Description  UL94V-0 plastic impeller and frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MR8038X Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MR8038X Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
C o o l i n g S i m p l i fi e d
MR8038 series
Air Flow:
air exhaust over struts
(80 x 80 x 38 mm)
3.15 x 3.15 x 1.50 inches
Features:
soft start, polarity protection,
auto-restart
Construction:
UL94V-0 plastic impeller and
frame
Bearing option:
ball bearing or sleeve
Operating Voltage: 12 or 24 VDC
Options:
tachometer output or locked
rotor alarm signal; PWM
speed control
Model No.
Rated
Voltage
VDC
Current A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
24
12
M³/Min.
CFM
MM
INCH
MR8038S*
12/24
12/24
12/24
0.38
5,000
1.80
63.72
13.14
0.51
45
153
MR8038L
0.66
6,000
2.16
76.22
18.80
0.74
50
153
MR8038M
1.00
0.16
0.26
4,000
1.45
51.23
8.49
0.33
39
153
0.13
0.33
0.50
7,000
2.51
88.72
25.46
1.00
56
153
12/24
MR8038H
12/24
MR8038E
1.24
0.62
8,000
2.86
101.21
33.15
1.31
59
153
24
MR8038X
-
1.20
10,000
3.57
126.21
51.54
2.03
65
153
6.25.19
0
20
40
60
80
100
120
0.25
0.50
0.75
1.75
1.00
2.00
1.25
1.50
AIR FLOW - CFM
L
S
M
H
E
X
2.82±0.01
(71.5±0.3)
3.15±0.02
(80.0±0.5)
10.24±0.04
(260.0±5.0)
0.20±0.04
(5.0±1.0)
8–Ø0.169±0.1
(8–Ø4.3±0.3)
1.50±0.02
(38.0±0.5)
2-0.16±0.01
(2-4.0±0.3)
Air Flow
*This speed not UL recognized


Similar Part No. - MR8038X

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR8032 MECHATRONICS-MR8032 Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR8032E MECHATRONICS-MR8032E Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR8032H MECHATRONICS-MR8032H Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR8032L MECHATRONICS-MR8032L Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR8032M MECHATRONICS-MR8032M Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
More results

Similar Description - MR8038X

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MR1225 MECHATRONICS-MR1225 Datasheet
530Kb / 1P
UL94V-0 plastic impeller and frame
MR1238 MECHATRONICS-MR1238 Datasheet
478Kb / 1P
UL94V-0 plastic impeller and frame
MR3010 MECHATRONICS-MR3010 Datasheet
482Kb / 1P
UL94V-0 plastic impeller and frame
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
MR8032 MECHATRONICS-MR8032 Datasheet
405Kb / 1P
UL94V-0 plastic impeller and frame
MR9225 MECHATRONICS-MR9225 Datasheet
533Kb / 1P
UL94V-0 plastic impeller and frame
MR9232 MECHATRONICS-MR9232 Datasheet
490Kb / 1P
UL94V-0 plastic impeller and frame
MR9238 MECHATRONICS-MR9238 Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com