Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS8038-H Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MS8038-H
Description  DC AXIAL FANS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MS8038-H Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MS8038-H Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
C o o l i n g S i m p l i fi e d
MS8038-H series
(80 x 80 x 38 mm)
3.15 x 3.15 x 1.50 inches
Features:
soft start, polarity protection,
auto-restart
Operating Voltage: 12, 24 and 48 VDC
Construction:
UL94V-0 plastic impeller and
plastic frame
Bearing option:
ball bearing
Air Flow:
air exhaust over struts
Options:
*Additional performance levels available, contact Mechatronics for more options
• tachometer;
• locked rotor alarm signal;
• conformal coating;
• encapsulated motor (IP68)
• PWM speed control;
Model No.
Rated
Voltage
VDC
Current A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
24
12
48
M³/Min.
CFM
MM
INCH
MS8038L-H
12/24/48
12/24/48
12/24/48
0.60
0.17
6,000
2.28
80.6
18.70
0.74
50
177
MS8038M-H
1.47
0.34
8,000
3.10
109.6
31.10
1.22
59
177
MS8038H-H
3.29
0.51
0.30
0.78
1.07
9,000
3.41
120.6
39.38
1.55
62
177
2.815 ±0.012
(71.5 ±0.3)
3.150 ±0.020
(80.0 ±0.5)
1.496 ±0.020
(38.0 ±0.5)
4–Ø0.173±0.008
(4–Ø4.4±0.2)
2.00
1.00
1.50
0.50
0
50
100
150
AIR VOLUME (CFM)
H
M
L
12.30.19


Similar Part No. - MS8038-H

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MS80 DIOTEC-MS80 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS80 DIOTEC-MS80 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Microsemi Corporation
MS8001 MICROSEMI-MS8001 Datasheet
134Kb / 3P
GaAs Schottky Diodes
MS8002 MICROSEMI-MS8002 Datasheet
134Kb / 3P
GaAs Schottky Diodes
MS8003 MICROSEMI-MS8003 Datasheet
134Kb / 3P
GaAs Schottky Diodes
More results

Similar Description - MS8038-H

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com