Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI1380 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MSI1380
Description  DC IMPELLERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MSI1380 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MSI1380 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
06.27.17
MSI1380 series
(133 dia. x 80 mm)
5.24 dia. x 3.17 inches
Features:
soft start, reverse polarity
protection, auto-restart
Operating Voltage: 24 or 48 VDC
Construction:
aluminum die cast motor base;
UL94V-0 plastic impeller
Bearing option:
ball bearing
Motor:
brushless DC
Model No.
Rated
Voltage
VDC
Current
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
24
48
M³/Min.
CFM
MM
INCH
MSI1380H
24/48
5.00
2.50
4,500
5.0
177
45.32
1.78
66
800
Ø5.24 ±0.02
(Ø133 ±0.5)
3.17 ±0.04
(80.5 ±1)
2.40 ±0.02
(61 ±0.5)
1.61 ±0.02
(41.0 ±0.5)
Ø2.28 ±0.01
(Ø58 ±0.2)
M4 (x4)
0.75
1.00
1.25
1.75
1.50
2.00
0.25
0.50
0
50
25
75
100 125 150 175
AIR VOLUME (CFM)
200
H


Similar Part No. - MSI1380

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MSI10A DBLECTRO-MSI10A Datasheet
1Mb / 7P
Mylar Speaker
logo
Shenzhen Meipusen Semic...
MSI120N08G MAPLESMI-MSI120N08G Datasheet
871Kb / 6P
80V N-Channel MOSFET
logo
Mechatronics, Inc.
MSI1225 MECHATRONICS-MSI1225 Datasheet
500Kb / 1P
DC IMPELLERS
MSI1225H MECHATRONICS-MSI1225H Datasheet
500Kb / 1P
DC IMPELLERS
MSI1769 MECHATRONICS-MSI1769 Datasheet
581Kb / 1P
DC IMPELLERS
More results

Similar Description - MSI1380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF180(55)APA12-H1C2A ETC2-UF180(55)APA12-H1C2A Datasheet
575Kb / 1P
AC IMPELLERS
UF220APA12-H2C2A ETC2-UF220APA12-H2C2A Datasheet
390Kb / 1P
AC IMPELLERS
UF225(85)APA12-H1C2A ETC2-UF225(85)APA12-H1C2A Datasheet
376Kb / 1P
AC IMPELLERS
logo
Mechatronics, Inc.
MSI1225 MECHATRONICS-MSI1225 Datasheet
500Kb / 1P
DC IMPELLERS
MSI1769 MECHATRONICS-MSI1769 Datasheet
581Kb / 1P
DC IMPELLERS
MSI1967 MECHATRONICS-MSI1967 Datasheet
557Kb / 1P
DC IMPELLERS
MSI2577 MECHATRONICS-MSI2577 Datasheet
505Kb / 1P
DC IMPELLERS
MSI3116 MECHATRONICS-MSI3116 Datasheet
608Kb / 1P
DC IMPELLERS
UF175AMA MECHATRONICS-UF175AMA Datasheet
380Kb / 1P
AC IMPELLERS
UF225-99-APA MECHATRONICS-UF225-99-APA Datasheet
391Kb / 1P
AC IMPELLERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com