Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI2577 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MSI2577
Description  DC IMPELLERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MSI2577 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MSI2577 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
06.27.17
MSI2577 series
(250 dia. x 77.3 mm)
9.84 dia. x 3.04 inches
Features:
soft start, reverse polarity
protection, auto-restart
Operating Voltage: 24 or 48 VDC
Construction:
aluminum die cast motor base;
UL94V-0 plastic impeller
Bearing option:
ball bearing
Motor:
brushless DC
Model No.
Rated
Voltage
VDC
Current
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
24
48
M³/Min.
CFM
MM
INCH
MSI2577H
24/48
7.20
3.90
2,800
20.3
716
86
3.37
76
2000
M4 (x4)
Ø9.84 ±0.04
(Ø250 ±1)
3.04
(77.3)
1.89 ±0.02
(48.0 ±0.5)
3.65 ±0.04
(92.8 ±1)
0.89
(22.5)
0.61
(15.5)
Ø2.28 ±0.01
(Ø58 ±0.2)
0
200 300
100
400 500
AIR VOLUME (CFM)
600 700 800
H
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0


Similar Part No. - MSI2577

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
MSI2001MH MGCHIP-MSI2001MH Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
MSI2001QH MGCHIP-MSI2001QH Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
MSI2006 MGCHIP-MSI2006 Datasheet
736Kb / 8P
6A Bi-directional Load Switch for Tablet
MSI2006WCRH MGCHIP-MSI2006WCRH Datasheet
736Kb / 8P
6A Bi-directional Load Switch for Tablet
More results

Similar Description - MSI2577

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF180(55)APA12-H1C2A ETC2-UF180(55)APA12-H1C2A Datasheet
575Kb / 1P
AC IMPELLERS
UF220APA12-H2C2A ETC2-UF220APA12-H2C2A Datasheet
390Kb / 1P
AC IMPELLERS
UF225(85)APA12-H1C2A ETC2-UF225(85)APA12-H1C2A Datasheet
376Kb / 1P
AC IMPELLERS
logo
Mechatronics, Inc.
MSI1225 MECHATRONICS-MSI1225 Datasheet
500Kb / 1P
DC IMPELLERS
MSI1380 MECHATRONICS-MSI1380 Datasheet
591Kb / 1P
DC IMPELLERS
MSI1769 MECHATRONICS-MSI1769 Datasheet
581Kb / 1P
DC IMPELLERS
MSI1967 MECHATRONICS-MSI1967 Datasheet
557Kb / 1P
DC IMPELLERS
MSI3116 MECHATRONICS-MSI3116 Datasheet
608Kb / 1P
DC IMPELLERS
UF175AMA MECHATRONICS-UF175AMA Datasheet
380Kb / 1P
AC IMPELLERS
UF225-99-APA MECHATRONICS-UF225-99-APA Datasheet
391Kb / 1P
AC IMPELLERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com