Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI3116 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MSI3116
Description  DC IMPELLERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MSI3116 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MSI3116 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
06.27.17
MSI3116 series
(315 dia. x 161 mm)
12.4 dia. x 6.34 inches
Features:
soft start, reverse polarity
protection, auto-restart
Operating Voltage: 48 VDC
Construction:
aluminum die cast motor base:
aluminum impeller
Bearing option:
ball bearing
Motor:
brushless DC
Model No.
Rated
Voltage
VDC
Current
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
48
M³/Min.
CFM
MM
INCH
MSI3116H
48
8.80
2,100
47.45
1675
80
3.15
76
3000
M5 (x4)
Ø12.40 ±0.08
(Ø315 ±2)
Ø3.54
(Ø90)
6.34 ±0.08
(161 ±2)
3.96
(100.6)
0.86
(21.9)
0
200 400 600 800 1000 1200 1400 16001800
AIR VOLUME (CFM)
H
0.5
1.0
2.0
1.5
2.5
3.0
3.5


Similar Part No. - MSI3116

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MSI3400 VBSEMI-MSI3400 Datasheet
486Kb / 9P
N-Channel 30-V (D-S) MOSFET
MSI3401 VBSEMI-MSI3401 Datasheet
484Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MSI3116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF180(55)APA12-H1C2A ETC2-UF180(55)APA12-H1C2A Datasheet
575Kb / 1P
AC IMPELLERS
UF220APA12-H2C2A ETC2-UF220APA12-H2C2A Datasheet
390Kb / 1P
AC IMPELLERS
UF225(85)APA12-H1C2A ETC2-UF225(85)APA12-H1C2A Datasheet
376Kb / 1P
AC IMPELLERS
logo
Mechatronics, Inc.
MSI1225 MECHATRONICS-MSI1225 Datasheet
500Kb / 1P
DC IMPELLERS
MSI1380 MECHATRONICS-MSI1380 Datasheet
591Kb / 1P
DC IMPELLERS
MSI1769 MECHATRONICS-MSI1769 Datasheet
581Kb / 1P
DC IMPELLERS
MSI1967 MECHATRONICS-MSI1967 Datasheet
557Kb / 1P
DC IMPELLERS
MSI2577 MECHATRONICS-MSI2577 Datasheet
505Kb / 1P
DC IMPELLERS
UF175AMA MECHATRONICS-UF175AMA Datasheet
380Kb / 1P
AC IMPELLERS
UF225-99-APA MECHATRONICS-UF225-99-APA Datasheet
391Kb / 1P
AC IMPELLERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com