Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58100LT Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX58100LT
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100LT Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX58100LT Datasheet HTML 12Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 13Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 14Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 15Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 16Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 17Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 18Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 19Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
16
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
I/O Watchdog
The I/O Watchdog is for AX58100 safety engine and used to monitor I/O signals toggle status, and an emergency
stop input (EMn) pin.When I/O signals don't match a pattern or keeping over excepted time, the watchdog will be
triggered, or EMn input pin asserted, force I/O pads enter default level. The default level is configurable, could be
driven low, high or Tristate.
PWM Controller
The PWM control module provides Pulse Width Modulation (PWM), and alternatively STEP / DIR to control
motor driving. The PWM mode has eight pins (three pairs control signal, each control signal pair has a high pulse
pin (PWMxH), and low pulse pin (PWMxL) control power drive circuit. Another has two alignment pins, PULZ
and PULC point cycle start and central time, three programmable trigger pins, PULA PULB and PULAB. The step
pulse mode has 2 pins, step (STEP) and direction (DIR) connect to step motor controller, share PWM1H/L pins.
The PWM supports up to 12.5MHz output frequency, and programmable polarity, timing adjustment.
Incremental and Hall Encoder Interface
TheAX58100 provides an interface with a linear or rotary incremental encoder to get position information, support
four input modes. The Sin/Cos mode (A / B / Z pins), Clock-Wise mode (CW / CCW / Z pins), Direction-Clock
mode (DIR / CLK / Z pins), and the Hall mode (A / B / C pins). It can accumulate positions in three modes,
Sin/Cos, Clock-Wise and Direction-Clock modes, and calculates the GAP time in Hall mode.
The Sin/Cos mode supports input frequency up to 8.33MHz, CW/CCW, and DIR/CLK up to 16.66MHz, and the
Hall mode up to 2.77MHz respectively.
SPI Master Controller
The Serial Peripheral Interface (SPI) master controller provides a full-duplex, synchronous serial communication
interface (4 wires) to flexibly work with numerous SPI peripheral devices or microcontroller with the SPI slave.
The SPI master controller supports 4 types of interface timing modes, namely, mode 0, 1, 2, and 3 to allow working
with most SPI devices available. It supports MSB/LSB first data transfer.
Supports 8 channels could sequential access per device, variable transfer length up to 8 bytes each channel.
Support multi-channel access to the same device, the data length could be up to 64bytes. For high performance
applications, the SPI master controller supports continues transfer data between the SPI device and data registers.
Provide 4 chip select, support one-cold encode output (up to 4 devices), or use binary encode output (use an
external binary decoder) up to 8 devices.
Support standard SPI device access without glue logic circuit. Support “trigger data ready input” for ADC
application, support “data loaded indication out” and “data path daisy chain” for DAC application.
The MSCLK SPI clock is programmable by software and can run up to 50MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com