Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXB9733 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MXB9733
Description  DC BLOWERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MXB9733 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MXB9733 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(97 x 94.4 x 33 mm)
3.82 x 3.72 x 1.30 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 24, UL1007 lead wires
Protection:
thermal
Options:
tachometer output signal
AIR FLOW (CFM)
0
5.0
10.0
15.0
20.0
25.0
30.0
L
M
H
5.0
10.0
15.0
20.0
25.0
30.0
MXB9733 series
3.82 ±0.01
(97 ±0.5)
1.97 ±0.01
(50 ±0.3)
1.54 ±0.01
(39 ±0.3)
2- Ø 0.17
(2- Ø 4.4 ±0.3)
1.26±0.01
(32 ±0.3)
Ø 1.79
±0.01
(Ø 45.4
±0.3)
1.30 ±0.01
(33 ±0.5)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
48
M³/Min.
CFM
MM
INCH
MXB9733L
12/24/48
300
200
150
2,200
0.53
18.80
9.40
0.37
41
180
MXB9733M
12/24/48
500
350
200
2,800
0.68
24.00
17.80
0.70
51
180
MXB9733H
12/24/48
800
550
300
3,300
0.81
28.50
26.80
1.06
55
180
12.11.14


Similar Part No. - MXB9733

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXB9733H ETC2-MXB9733H Datasheet
367Kb / 1P
DC BLOWERS
MXB9733L ETC2-MXB9733L Datasheet
367Kb / 1P
DC BLOWERS
MXB9733M ETC2-MXB9733M Datasheet
367Kb / 1P
DC BLOWERS
More results

Similar Description - MXB9733

ManufacturerPart #DatasheetDescription
logo
ETRI
591DL1LP11000 ETRI-591DL1LP11000 Datasheet
123Kb / 1P
DC Centrifugal Blowers
593DL5LP11000 ETRI-593DL5LP11000 Datasheet
171Kb / 1P
DC Centrifugal Blowers
logo
ORION FANS
ODB5009-12HB ORIONFANS-ODB5009-12HB Datasheet
118Kb / 1P
DC Blowers
logo
List of Unclassifed Man...
B1232L ETC2-B1232L Datasheet
368Kb / 1P
DC BLOWERS
B1232M-SR ETC2-B1232M-SR Datasheet
374Kb / 1P
DC BLOWERS
B5015M ETC2-B5015M Datasheet
380Kb / 1P
DC BLOWERS
B5020L ETC2-B5020L Datasheet
345Kb / 1P
DC BLOWERS
B6012M ETC2-B6012M Datasheet
367Kb / 1P
DC BLOWERS
B7530S ETC2-B7530S Datasheet
453Kb / 1P
DC BLOWERS
MXB9733L ETC2-MXB9733L Datasheet
367Kb / 1P
DC BLOWERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com