Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS213-92 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AS213-92
Description  PHEMT GaAs IC SPDT Switch 0.1-3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS213-92 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AS213-92 Datasheet HTML 1Page - Skyworks Solutions Inc. AS213-92 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
October 1, 2004 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice.
DATA SHEET • AS213-92
2
V1
V2
J1–J2
J1–J3
0VHIGH
Isolation
Insertion loss
VHIGH
0
Insertion loss
Isolation
Truth Table
VHIGH = +2.7 to +5 V.
Pin Out
J1
GND
CBL
CBL
CBL
J2
J3
V1
V2
Simulated Performance Data (0, +3 V)
Insertion Loss vs. Frequency
Frequency (GHz)
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VSWR vs. Frequency
Frequency (GHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
1.0
1.1
1.2
1.3
1.4
1.5
Isolation vs. Frequency
Frequency (GHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-45
-40
-35
-30
-25
-20
-15
-10
DC blocking capacitors (CBL) must be supplied externally for positive voltage operation.
CBL = 100 pF for operation >500 MHz.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com