Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH7003B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CH7003B
Description  Digital PC to TV Encoder
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH7003B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CH7003B Datasheet HTML 3Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 4Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 5Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 6Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 7Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 9Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 10Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
CHRONTEL
CH7003B
201-0000-023 Rev 4.1, 8/2/99
7
Digital Video Interface (continued)
Non-multiplexed Mode
In the 15/16-bit mode shown in Figure 4, the pixel data bus represents a 15/16-bit non-multiplexed data stream,
which contains either RGB or YCrCb formatted data. When operating in RGB mode, each 15/16-bit Pn value will
contain a complete pixel encoded in either 5-6-5 or 5-5-5 format. When operating in YCrCb mode, each 16-bit Pn
word will contain an 8-bit Y (luminance) value on the upper 8 bits, and an 8-bit C (color difference) value on the
lower 8 bits. The color difference will be transmitted at half the data rate of the luminance data, with the sequence
being set as Cb followed by Cr. The Cb and Cr data will be co-sited with the Y value transmitted with the Cb value,
with the data sequence described in Table 3. The first active pixel is SAV pixels after the leading edge of horizontal
sync, where SAV is a bus-controlled register.
Figure 4: Non-multiplexed Data Transfers
Table 3. 15/16-bit Non-multiplexed Data Formats
IDF#
Format
0
RGB 5-6-5
3
RGB 5-5-5
1
YCrCb (16-bit)
Pixel#
P0
P1
P0
P1
P0
P1
P2
P3
Bus Data
D[15]
R0[4]
R1[4]
x
x
Y0[7]
Y1[7]
Y2[7]
Y3[7]
D[14]
R0[3]
R1[3]
R2[4]
R3[4]
Y0[6]
Y1[6]
Y2[6]
Y3[6]
D[13]
R0[2]
R1[2]
R2[3]
R3[3]
Y0[5]
Y1[5]
Y2[5]
Y3[5]
D[12]
R0[1]
R1[1]
R2[2]
R3[2]
Y0[4]
Y1[4]
Y2[4]
Y3[4]
D[11]
R0[0]
R1[0]
R2[1]
R3[1]
Y0[3]
Y1[3]
Y2[3]
Y3[3]
D[10]
G0[5]
G1[5]
R2[0]
R3[0]
Y0[2]
Y1[2]
Y2[2]
Y3[2]
D[9]
G0[4]
G1[4]
G2[4]
G3[4]
Y0[1]
Y1[1]
Y2[1]
Y3[1]
D[8]
G0[3]
G1[3]
G2[3]
G3[3]
Y0[0]
Y1[0]
Y2[0]
Y3[0]
D[7]
G0[2]
G1[2]
G2[2]
G3[2]
Cb0[7]
Cr0[7]
Cb2[7]
Cr2[7]
D[6]
G0[1]
G1[1]
G2[1]
G3[1]
Cb0[6]
Cr0[6]
Cb2[6]
Cr2[6]
D[5]
G0[0]
G1[0]
G2[0]
G3[0]
Cb0[5]
Cr0[5]
Cb2[5]
Cr2[5]
D[4]
B0[4]
B1[4]
B2[4]
B3[4]
Cb0[4]
Cr0[4]
Cb2[4]
Cr2[4]
D[3]
B0[3]
B1[3]
B2[3]
B3[3]
Cb0[3]
Cr0[3]
Cb2[3]
Cr2[3]
D[2]
B0[2]
B1[2]
B2[2]
B3[2]
Cb0[2]
Cr0[2]
Cb2[2]
Cr2[2]
D[1]
B0[1]
B1[1]
B2[1]
B3[1]
Cb0[1]
Cr0[1]
Cb2[1]
Cr2[1]
D[0]
B0[0]
B1[0]
B2[0]
B3[0]
Cb0[0]
Cr0[0]
Cb2[0]
Cr2[0]
t
HSW
Pixel
Data
POut/
XCLK
HSYNC
t
HD
P0a
P0b
P1a
P1b
P2a
P2b
t
PH
t
P
t
HP
t
SP
AVR
SAV
P0
P1
P2
P3
P4
P5
tP1
tPH 1
tHP1
t SP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com