Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF12AMR Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # UF12AMR
Description  AC AXIAL FANS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

UF12AMR Datasheet(HTML) 1 Page - Mechatronics, Inc.

  UF12AMR Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
C o o l i n g S i m p l i fi e d
UF12AMR series
Motor:
shaded pole - Class F insulation
Air Flow:
air intake over struts
(120 x 120 x 38 mm)
4.72 x 4.72 x 1.50 inches
Features:
high temp; -40˚C ~+90˚C,
operating temperature range
Construction:
aluminium die cast frame;
metal impeller
Bearing option:
ball bearing with high temp
lubricant
Operating Voltage: 115 or 230 VAC
Connection:
terminal or 22 AWG lead wire
Protection:
impedance
7.25.19
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Speed
RPM
Air Volume
Max. Sta tic
Pressure (H20)
Sound
Noise
dbA
Wt .
g
M³/Min. CFM
MM
INCH
UF12AMR12
UF12AMR23
115
60
16
0.19
2,950
3.00
106
6.1
0.24
51
550
230
60
18
0.11
2,950
3.00
106
6.1
0.24
51
550
0
20
40
60
80
100
.05
.10
.15
.20
.25
AIR FLOW - CFM
1.50±0.02
(38.0±0.5)
0.16
(4.0)
Air Flow
4.13±0.01
(104.8±0.3)
4.72±0.02
(120.0±0.5)
11.81±0.79
(300.0±20.0)
UL1007 22AWG
Ø4.49
(Ø114.0)
8-Ø0.17±0.1
(8-Ø4.3±0.2)
LEAD WIRE TYPE
TERMINAL TYPE


Similar Part No. - UF12AMR

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF12AM MECHATRONICS-UF12AM Datasheet
440Kb / 1P
AC AXIAL FANS
UF12AM12-XXH MECHATRONICS-UF12AM12-XXH Datasheet
440Kb / 1P
AC AXIAL FANS
logo
List of Unclassifed Man...
UF12AM12-__H ETC2-UF12AM12-__H Datasheet
388Kb / 1P
AC AXIAL FANS
logo
Mechatronics, Inc.
UF12AM23-XXH MECHATRONICS-UF12AM23-XXH Datasheet
440Kb / 1P
AC AXIAL FANS
logo
List of Unclassifed Man...
UF12AM23-__H ETC2-UF12AM23-__H Datasheet
388Kb / 1P
AC AXIAL FANS
More results

Similar Description - UF12AMR

ManufacturerPart #DatasheetDescription
logo
ETRI
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
AC Axial Fans
logo
List of Unclassifed Man...
UF60D12-__H ETC2-UF60D12-__H Datasheet
417Kb / 1P
AC AXIAL FANS
UF92A12-__H ETC2-UF92A12-__H Datasheet
395Kb / 1P
AC AXIAL FANS
UF92AM12-__H ETC2-UF92AM12-__H Datasheet
393Kb / 1P
AC AXIAL FANS
UF250BMB12-H1 ETC2-UF250BMB12-H1 Datasheet
499Kb / 1P
AC AXIAL FANS
logo
ETRI
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
AC Axial Fans
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
AC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com