Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9521 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9521
Description  Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521 Datasheet(HTML) 2 Page - Intersil Corporation

  X9521 Datasheet HTML 1Page - Intersil Corporation X9521 Datasheet HTML 2Page - Intersil Corporation X9521 Datasheet HTML 3Page - Intersil Corporation X9521 Datasheet HTML 4Page - Intersil Corporation X9521 Datasheet HTML 5Page - Intersil Corporation X9521 Datasheet HTML 6Page - Intersil Corporation X9521 Datasheet HTML 7Page - Intersil Corporation X9521 Datasheet HTML 8Page - Intersil Corporation X9521 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
FN8207.1
August 25, 2005
PIN CONFIGURATION
PIN ASSIGNMENT
NC
RL2
NC
3
4
Vcc
SCL
NC
NC
RW1
RH1
7
8
NC
VSS
10
RL1
RH2
1
18
19
17
20
14
15
13
16
12
11
NC
6
RW2
2
SDA
9
NC
5
WP
NC
NC
20 Pin TSSOP
Pin
Name
Function
1
RH2
Connection to end of resistor array for (the 256 Tap) DCP 2.
2
Rw2
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 2.
3
RL2
Connection to other end of resistor array for (the 256 Tap) DCP2.
7WP
Write Protect Control Pin. WP pin is a TTL level compatible input. When held HIGH, Write Protection is
enabled. In the enabled state, this pin prevents all nonvolatile “write” operations. Also, when the Write Pro-
tection is enabled, and the device Block Lock feature is active (i.e. the Block Lock bits are NOT [0,0]), then
no “write” (volatile or nonvolatile) operations can be performed in the device (including the wiper position
of any of the integrated Digitally Controlled Potentiometers (DCPs). The WP pin uses an internal “pull-
down” resistor, thus if left floating the write protection feature is disabled.
8SCL
Serial Clock. This is a TTL level compatible input pin used to control the serial bus timing for data input
and output.
9SDA
Serial Data. SDA is a bidirectional TTL level compatible pin used to transfer data into and out of the de-
vice. The SDA pin input buffer is always active (not gated). This pin requires an external pull up resistor.
10
Vss
Ground.
11
RL1
Connection to other end of resistor for (the 100 Tap) DCP 1.
12
Rw1
Connection to terminal equivalent to the “Wiper” of a mechanical potentiometer for DCP 1
13
RH1
Connection to end of resistor array for (the 100 Tap) DCP 1.
20
Vcc
Supply Voltage.
4, 5, 6,
14, 15,
16, 17,
18, 19
NC
No connect.
SCL
SDA
Data Stable
Data Change
Data Stable
Figure 1.
Valid Data Changes on the SDA Bus
X9521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com