Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTB1124 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTB1124
Description  VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB1124 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTB1124 Datasheet HTML 1Page - First Silicon Co., Ltd FTB1124 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014.06. 01
1/2
SEMICONDUCTOR
TECHNICAL D ATA
FTB1124
Revision No : 0
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER
VOLTAGE REGULATORS, RELAY DRIVERS
LAMP DRIVERS, ELECTRICAL EQUIPMENT
FEATURES
Adoption of MBIT processes.
Low collector-to-emitter saturation voltage.
Fast switching speed.
Large current capacity and wide ASO.
Complementary to FTD1624.
MAXIMUM RATING (Ta=25℃)
* : Package mounted on ceramic substrate(250mm
2
0.8t)
Electrical characteristics(Ta=25℃)
hFE(1) Classifications Marking:
hFE(1) Classifications
A
B
C
hFE(1) Range
100~200
140~280
200~400
Marking
HXA
HXB
HXC
Symbol
Rating
Unit
VCBO
-60
V
VCEO
-50
V
VEBO
-6.0
V
IC
-3.0
A
ICP
-6.0
A
PC (Ta=25℃)
500
mW
PC (Tc=25℃)*
1
W
Tj
150
℃
Tstg
-55~150
℃
Rating
Symbol
Test condition
Min
Typ
Max
Unit
VCBO
IC=-10μA
IE=0
-60
V
VCEO
IC=-1.0mA
IB=0
-50
V
VEBO
IE=-10μA
IC=0
-6.0
V
ICBO
VCB=-40V
IE=0
-1.0
μA
IEBO
VEB=-4.0V
IC=0
-1.0
μA
hFE(1)
VCE=-2.0V
IC=-100mA
100
400
hFE(2)
VCE=-2.0V
IC=-3.0A
35
VCE(sat)
IC=-2.0A
IB=-100mA
-0.35
-0.7
V
VBE(sat)
IC=-2.0A
IB=-100mA
-0.94
-1.2
V
fT
VCE=-10V
IC=-50mA
150
MHz
Cob
VCB=-10V
f=1MHz
39
pF
ton
S
n
0
7
tstg
S
n
0
5
4
tf
-101B1=101B2=IC=1.0A
35
nS


Similar Part No. - FTB1124

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
FTB110-12 BB-BATTERY-FTB110-12 Datasheet
195Kb / 1P
VRLA Rechargeable Battery
logo
First Silicon Co., Ltd
FTB1116A FS-FTB1116A Datasheet
265Kb / 2P
General Purpose Transistor
FTB1132 FS-FTB1132 Datasheet
367Kb / 2P
TRANSISTOR (PNP)
FTB1151 FS-FTB1151 Datasheet
238Kb / 2P
TRANSISTOR (PNP)
FTB1184 FS-FTB1184 Datasheet
262Kb / 2P
TRANSISTOR (PNP)
More results

Similar Description - FTB1124

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB985 KEC-KTB985 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTD1347 KEC-KTD1347 Datasheet
87Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
logo
List of Unclassifed Man...
TDE1797 ETC-TDE1797 Datasheet
276Kb / 1P
LAMP AND RELAY DRIVERS
logo
KEC(Korea Electronics)
KTA1551T KEC-KTA1551T Datasheet
87Kb / 3P
RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS APPLICATION
KTC3552T KEC-KTC3552T Datasheet
88Kb / 3P
DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION
KTA1544T KEC-KTA1544T Datasheet
83Kb / 3P
RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS AND STROBES APPLICATION.
KTC3543T KEC-KTC3543T Datasheet
99Kb / 3P
RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION.
logo
Sanyo Semicon Device
2SB764 SANYO-2SB764_03 Datasheet
40Kb / 4P
Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
First Silicon Co., Ltd
FTD1347 FS-FTD1347 Datasheet
115Kb / 2P
VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
FTD1624 FS-FTD1624 Datasheet
1Mb / 2P
VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com