Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTB1366F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTB1366F
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB1366F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTB1366F Datasheet HTML 1Page - First Silicon Co., Ltd FTB1366F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 02. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTB1366F
Revision No : 0
FTB1366F TRANSISTOR (PNP)
FEATURES
Low VCE(sat): VCE(sat)=-1.0V(Max.)(IC/IB=-2A/-0.2A)
Complementary to FTD2058F
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current -Continuous
-3
A
PC
Collector power dissipation
TJ
Junction temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL
CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-50mA, IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA, IC=0
-7
V
Collector cut-off current
ICBO
VCB=-60V, IE=0
-100
µA
Emitter cut-off current
IEBO
VEB=-7V, IC=0
-100
µA
hFE(1)
VCE=-5V, IC=-0.5A
60
200
DC current gain
hFE(2)
VCE=-5V, IC=-3A
20
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB=-0.2A
-1
V
Base-emitter voltage
VBE
VCE=-5V, IC=-0.5A
-1
V
Transition frequency
fT
VCE=-5V, IC=-0.5A
9
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
150
pF
Fall time
tf
4
.
0
µs
Storage time
ts
IC=-2A,
IB1=-IB2=-0.2A
VCC=-30V
1.7
µs
CLASSIFICATION OF
hFE(1)
Y
O
k
n
a
R
Range
0
0
2
-
0
0
1
0
2
1
-
0
6
TO-220F
A
A
B
C
C
D
D
E
E
F
G
H
H
1 52 MAX
1 52 MAX
J
K
L
M
L
N
N
N
O
Q
R
R
1
2
3
M
DIM
MILLIMETERS
10 16
0 20
+
_
15 00
0 20
+
_
3 00
0 20
+
_
0 625±0 125
3 50 typ
0 45
0 1
+
_
3 80
0 2
+
_
13 20
0 20
+
_
2 54
0 2
+
_
4 50
0 2
+
_
6 36
0 3
+
_
2 70
0 20
+
_
2 7 typ
16 80
0 4
+
_
1. Base
2. Collector
3. Emitter
Ta=25℃
Tc=25℃
2
25
W


Similar Part No. - FTB1366F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTB1386 FS-FTB1386 Datasheet
250Kb / 3P
Excellent DC current gain characteristics
More results

Similar Description - FTB1366F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com